전자부품 데이터시트 검색엔진 |
|
GS8321E18E-225I 데이터시트(PDF) 11 Page - GSI Technology |
|
GS8321E18E-225I 데이터시트(HTML) 11 Page - GSI Technology |
11 / 34 page First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R WR X X X CR R CW CR CR Notes: 1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low. 2. The upper portion of the diagram assumes active use of only the Enable (E1) and Write (BA, BB, BC, BD, BW, and GW) control inputs, and that ADSP is tied high and ADSC is tied low. 3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs, and assumes ADSP is tied high and ADV is tied low. GS8321E18/32/36E-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 4/2005 11/34 © 2003, GSI Technology Simplified State Diagram |
유사한 부품 번호 - GS8321E18E-225I |
|
유사한 설명 - GS8321E18E-225I |