전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT373ADB 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ABT373ADB
상세설명  Octal transparent latch 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT373ADB 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT373ADB Datasheet HTML 2Page - NXP Semiconductors 74ABT373ADB Datasheet HTML 3Page - NXP Semiconductors 74ABT373ADB Datasheet HTML 4Page - NXP Semiconductors 74ABT373ADB Datasheet HTML 5Page - NXP Semiconductors 74ABT373ADB Datasheet HTML 6Page - NXP Semiconductors 74ABT373ADB Datasheet HTML 7Page - NXP Semiconductors 74ABT373ADB Datasheet HTML 8Page - NXP Semiconductors 74ABT373ADB Datasheet HTML 9Page - NXP Semiconductors 74ABT373ADB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
74ABT373A
Octal transparent latch (3-State)
1995 Feb 17
6
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time, High or Low
Dn to E
3
1.5
1.0
0.7
0.4
1.5
1.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to E
3
1.0
1.0
0.0
–0.5
1.0
1.0
ns
tw(H)
E pulse width
High
1
2.5
1.7
2.5
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
tw(H)
tPHL
tPLH
E
Qn
SA00063
VM
VM
VM
VM
VM
Waveform 1. Propagation Delay, Enable to Output, and Enable
Pulse Width
VM
VM
VM
VM
Qn
Dn
tPLH
tPHL
SA00064
Waveform 2. Propagation Delay for Data to Outputs
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
VM
Dn
VM
VM
VM
VM
E
ts(H)
th(H)
ts(L)
th(L)
SA00065
VM
Waveform 3. Data Setup and Hold Times
OE
VM
tPZH
tPHZ
0V
Qn
VM
VM
SA00066
VOH–0.3V
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
OE
tPZL
tPLZ
0V
Qn
VM
VM
VM
SA00067
VOL+0.3V
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


유사한 부품 번호 - 74ABT373ADB

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74ABT373CDCQB NSC-74ABT373CDCQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
74ABT373CDCX NSC-74ABT373CDCX Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
More results

유사한 설명 - 74ABT373ADB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
logo
NXP Semiconductors
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
logo
NXP Semiconductors
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
   Octal transparent latch 3-State
1989 Oct 16
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
   Octal 3-State Noninverting Transparent Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
Integral Corp.
IN74ACT373 INTEGRAL-IN74ACT373 Datasheet
230Kb / 5P
   OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com