전자부품 데이터시트 검색엔진 |
|
GS8324Z36B-225 데이터시트(PDF) 10 Page - GSI Technology |
|
GS8324Z36B-225 데이터시트(HTML) 10 Page - GSI Technology |
10 / 46 page Rev: 1.00 10/2001 10/46 © 2001, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) U5 TDO O Scan Test Data Out U4 TCK I Scan Test Clock J2, C4, J4, R4, J6 VDD I Core power supply B2, L4 VDD I Core power supply (x18 version) D3, E3, F3, H3, K3, M3, N3, P3, D5, E5, F5, H5, K5, M5, N5, P5 VSS I I/O and Core Ground B6 VSS I I/O and Core Ground (x18 version) A1, F1, J1, M1, U1, A7, F7, J7, M7, U7 VDDQ I Output driver power supply GS8324Z18/36 119-Bump BGA Pin Description Pin Location Symbol Type Description |
유사한 부품 번호 - GS8324Z36B-225 |
|
유사한 설명 - GS8324Z36B-225 |