전자부품 데이터시트 검색엔진 |
|
GS8640V32T-250 데이터시트(PDF) 9 Page - GSI Technology |
|
GS8640V32T-250 데이터시트(HTML) 9 Page - GSI Technology |
9 / 23 page GS8640V18/32/36T-300/250/200/167 Product Preview Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.00 9/2004 9/23 © 2004, GSI Technology Synchronous Truth Table Operation Address Used State Diagram Key5 E1 E2 ADSP ADSC ADV W3 DQ4 Deselect Cycle, Power Down None X H X X L X X High-Z Deselect Cycle, Power Down None X L F L X X X High-Z Deselect Cycle, Power Down None X L F H L X X High-Z Read Cycle, Begin Burst External R L T L X X X Q Read Cycle, Begin Burst External R L T H L X F Q Write Cycle, Begin Burst External W L T H L X T D Read Cycle, Continue Burst Next CR X X H H L F Q Read Cycle, Continue Burst Next CR H X X H L F Q Write Cycle, Continue Burst Next CW X X H H L T D Write Cycle, Continue Burst Next CW H X X H L T D Read Cycle, Suspend Burst Current X X H H H F Q Read Cycle, Suspend Burst Current H X X H H F Q Write Cycle, Suspend Burst Current X X H H H T D Write Cycle, Suspend Burst Current H X X H H T D Notes: 1. X = Don’t Care, H = High, L = Low 2. E = T (True) if E2 = 1 and E3 = 0; E = F (False) if E2 = 0 or E3 = 1 3. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding. 4. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active drivers (shown as “Q” in the Truth Table above). 5. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to accomplish basic synchronous or synchronous burst operations and may be avoided for simplicity. 6. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above. 7. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items above. |
유사한 부품 번호 - GS8640V32T-250 |
|
유사한 설명 - GS8640V32T-250 |