전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT377AD 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74ABT377AD
상세설명  Octal D-type flip-flop with enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT377AD 데이터시트(HTML) 2 Page - NXP Semiconductors

  74ABT377AD Datasheet HTML 1Page - NXP Semiconductors 74ABT377AD Datasheet HTML 2Page - NXP Semiconductors 74ABT377AD Datasheet HTML 3Page - NXP Semiconductors 74ABT377AD Datasheet HTML 4Page - NXP Semiconductors 74ABT377AD Datasheet HTML 5Page - NXP Semiconductors 74ABT377AD Datasheet HTML 6Page - NXP Semiconductors 74ABT377AD Datasheet HTML 7Page - NXP Semiconductors 74ABT377AD Datasheet HTML 8Page - NXP Semiconductors 74ABT377AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT377A
Octal D-type flip-flop with enable
2
1997 Feb 26
853-1457 17800
FEATURES
Ideal for addressable register applications
8-bit positive edge-triggered register
Enable for address and data synchronization applications
Output capability: +64mA/-32mA
Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
Power-up reset
DESCRIPTION
The 74ABT377A high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT377A has 8 edge-triggered D-type flip-flops with
individual D inputs and Q outputs. The common buffered clock (CP)
input loads all flip-flops simultaneously when the Enable (E) input is
Low.
The register is fully edge triggered. The state of each D input, one
set-up time before the Low-to-High clock transition, is transferred to
the corresponding flip-flop’s Q output.
The E input must be stable one setup time prior to the Low-to-High
clock transition for predictable operation.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CP to Qn
CL = 50pF; VCC = 5V
3.1
3.6
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
ICCH
Total current supply
Outputs High; VCC = 5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT377A N
74ABT377A N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT377A D
74ABT377A D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT377A DB
74ABT377A DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT377A PW
74ABT377PWA DH
SOT360-1
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
CP
Q0
D0
D1
Q1
Q2
D2
D3
Q3
GND
E
SA00155
LOGIC SYMBOL
5
2
Q0
Q1
Q2
9
6
Q3
34
7
8
D0
D1
D2
D3
11
1
15
12
Q4
Q5
Q6
19
16
Q7
13
14
17
18
D4
D5
D6
D7
CP
OE
SA00152


유사한 부품 번호 - 74ABT377AD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CMSA FAIRCHILD-74ABT377CMSA Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CMTC FAIRCHILD-74ABT377CMTC Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CSC FAIRCHILD-74ABT377CSC Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CSJ FAIRCHILD-74ABT377CSJ Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results

유사한 설명 - 74ABT377AD

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com