전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT377ADB 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74ABT377ADB
상세설명  Octal D-type flip-flop with enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT377ADB 데이터시트(HTML) 5 Page - NXP Semiconductors

  74ABT377ADB Datasheet HTML 1Page - NXP Semiconductors 74ABT377ADB Datasheet HTML 2Page - NXP Semiconductors 74ABT377ADB Datasheet HTML 3Page - NXP Semiconductors 74ABT377ADB Datasheet HTML 4Page - NXP Semiconductors 74ABT377ADB Datasheet HTML 5Page - NXP Semiconductors 74ABT377ADB Datasheet HTML 6Page - NXP Semiconductors 74ABT377ADB Datasheet HTML 7Page - NXP Semiconductors 74ABT377ADB Datasheet HTML 8Page - NXP Semiconductors 74ABT377ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ABT377A
Octal D-type flip-flop with enable
1997 Feb 26
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
MIN
TYP
MAX
MIN
MAX
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High–level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
VRST
Power-up output low
voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
Quiescent supply current
VCC = 5.5V; Outputs High, VI = GND or VCC
0.5
250
250
µA
ICCL
VCC = 5.5V; Outputs Low, VI = GND or VCC
24
30
30
mA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS1
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V +0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
1
150
250
150
MHz
tPLH
tPHL
Propagation delay
CP to Qn
1
1.8
2.2
3.1
3.6
4.0
4.7
1.8
2.2
4.8
4.9
ns
NOTE:
1. Limits may vary among suppliers.


유사한 부품 번호 - 74ABT377ADB

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CMSA FAIRCHILD-74ABT377CMSA Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CMTC FAIRCHILD-74ABT377CMTC Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CSC FAIRCHILD-74ABT377CSC Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CSJ FAIRCHILD-74ABT377CSJ Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results

유사한 설명 - 74ABT377ADB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com