전자부품 데이터시트 검색엔진 |
|
GS84118AT-100 데이터시트(PDF) 9 Page - GSI Technology |
|
GS84118AT-100 데이터시트(HTML) 9 Page - GSI Technology |
9 / 20 page GS84118AT/B-166/150/130/100 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02 4/2005 9/20 © 2001, GSI Technology Notes: 1. Junction temperature is a function of SRAM power dissapation, package thermal resistance, mounting board temperature, ambient. Temperature air flow, board density, and PCB thermal resistance. 2. SCMI G-38-87. 3. Average thermal resistance between die and top surface, MIL SPEC-883, Method 1012.1. Package Thermal Characteristics Rating Layer Board Symbol TQFP max PBGA max Unit Notes Junction to Ambient (at 200 lfm) single RΘJA 32 28 °C/W 1,2 Junction to Ambient (at 200 lfm) four RΘJA 20 18 °C/W 1,2 Junction to Case (TOP) — RΘJC 74 °C/W 3 Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ. 4. Device is deselected as defined by the Truth Table. AC Test Conditions (VDD = 3.135 V–3.6 V, Ta = 0–70 °C) Parameter Conditions Input high level VIH = 2.3 V Input low level VIL = 0.2 V Input slew rate TR = 1 V/ns Input reference level 1.25 V Output reference level 1.25 V Output load Fig. 1& 2 DQ VT = 1.25 V 50W 30pF1 DQ 2.5 V FIG. 1 Output load 1 Output load 2 FIG. 2 225W 225W 5pF1 |
유사한 부품 번호 - GS84118AT-100 |
|
유사한 설명 - GS84118AT-100 |