전자부품 데이터시트 검색엔진 |
|
GS816273CGC-300I 데이터시트(PDF) 11 Page - GSI Technology |
|
GS816273CGC-300I 데이터시트(HTML) 11 Page - GSI Technology |
11 / 28 page Absolute Maximum Ratings (All voltages reference to VSS) Symbol Description Value Unit VDD Voltage on VDD Pins –0.5 to 4.6 V VDDQ Voltage in VDDQ Pins –0.5 to VDD V VI/O Voltage on I/O Pins –0.5 to VDDQ +0.5 (≤ 4.6 V max.) V VIN Voltage on Other Input Pins –0.5 to VDD +0.5 (≤ 4.6 V max.) V IIN Input Current on Any Pin +/–20 mA IOUT Output Current on Any I/O Pin +/–20 mA PD Package Power Dissipation 1.5 W TSTG Storage Temperature –55 to 125 oC TBIAS Temperature Under Bias –55 to 125 oC GS816273CC-333/300/250 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01a 6/2006 11/28 © 2005, GSI Technology Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of this component. Power Supply Voltage Ranges Parameter Symbol Min. Typ. Max. Unit 3.3 V Supply Voltage VDD3 3.0 3.3 3.6 V 2.5 V Supply Voltage VDD2 2.3 2.5 2.7 V 3.3 V VDDQ I/O Supply Voltage VDDQ3 3.0 3.3 VDD V 2.5 V VDDQ I/O Supply Voltage VDDQ2 2.3 2.5 VDD V VDDQ3 Range Logic Levels Parameter Symbol Min. Typ. Max. Unit Notes Input High Voltage VIH 2.0 — VDD + 0.3 V 1,2 Input Low Voltage VIL –0.3 — 0.8 V 1,2 I/O Input High Voltage VIHQ 2.0 — VDD + 0.3 V 1,3 I/O Input Low Voltage VILQ –0.3 — 0.8 V 1,3 Notes: 4. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. 5. Applies to input-only pins (e.g., address, clock, or control pins) 6. Applies to I/O pins (e.g., DQ pins) |
유사한 부품 번호 - GS816273CGC-300I |
|
유사한 설명 - GS816273CGC-300I |