전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT543APW 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74ABT543APW
상세설명  Octal latched transceiver with dual enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT543APW 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT543APW Datasheet HTML 3Page - NXP Semiconductors 74ABT543APW Datasheet HTML 4Page - NXP Semiconductors 74ABT543APW Datasheet HTML 5Page - NXP Semiconductors 74ABT543APW Datasheet HTML 6Page - NXP Semiconductors 74ABT543APW Datasheet HTML 7Page - NXP Semiconductors 74ABT543APW Datasheet HTML 8Page - NXP Semiconductors 74ABT543APW Datasheet HTML 9Page - NXP Semiconductors 74ABT543APW Datasheet HTML 10Page - NXP Semiconductors 74ABT543APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ABT543A
Octal latched transceiver with dual enable
(3-State)
1998 Sep 24
7
VM
An, Bn
VM
VM
VM
VM
VM
LEAB,
LEBA
ts(H)
th(H)
ts(L)
th(L)
tw(L)
NOTE: For all waveforms, VM = 1.5V, the shaded areas indicate when the input
is permitted to change for predictable output performance.
SA00174
Waveform 3. Data Setup and Hold Times And Latch Enable
Pulse Width
OEAB, OEBA,
EAB, EBA
VM
tPZH
tPHZ
0V
VOH –0.3V
VM
VM
An, Bn
SA00175
VOH
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
tPZL
tPLZ
0V
VOL +0.3V
VM
VM
VM
OEAB, OEBA,
EAB, EBA
An, Bn
SA00176
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORM
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


유사한 부품 번호 - 74ABT543APW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT543APW PHILIPS-74ABT543APW Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74ABT543APW NXP-74ABT543APW Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
logo
Nexperia B.V. All right...
74ABT543APW NEXPERIA-74ABT543APW Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
More results

유사한 설명 - 74ABT543APW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
   Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com