전자부품 데이터시트 검색엔진 |
|
GS864236B-167V 데이터시트(PDF) 9 Page - GSI Technology |
|
GS864236B-167V 데이터시트(HTML) 9 Page - GSI Technology |
9 / 35 page Mode Pin Functions Mode Name Pin Name State Function Burst Order Control LBO L Linear Burst H Interleaved Burst Output Register Control FT L Flow Through H or NC Pipeline Power Down Control ZZ L or NC Active H Standby, IDD = ISB Single/Dual Cycle Deselect Control SCD L Dual Cycle Deselect H or NC Single Cycle Deselect FLXDrive Output Impedance Control ZQ L High Drive (Low Impedance) H or NC Low Drive (High Impedance) Preliminary GS864218/36/72(B/C)-xxxV Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 6/2006 9/35 © 2004, GSI Technology Note: There are pull-up devices on the ZQ, SCD, and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above tables. Note: The burst counter wraps to initial state on the 5th clock. Note: The burst counter wraps to initial state on the 5th clock. Linear Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0] 1st address 00 01 10 11 2nd address 01 10 11 00 3rd address 10 11 00 01 4th address 11 00 01 10 Interleaved Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0] 1st address 00 01 10 11 2nd address 01 00 11 10 3rd address 10 11 00 01 4th address 11 10 01 00 Burst Counter Sequences BPR 1999.05.18 |
유사한 부품 번호 - GS864236B-167V |
|
유사한 설명 - GS864236B-167V |