전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM42DL1644DB70IT 데이터시트(PDF) 10 Page - SPANSION

부품명 AM42DL1644DB70IT
상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM42DL1644DB70IT 데이터시트(HTML) 10 Page - SPANSION

Back Button AM42DL1644DB70IT Datasheet HTML 6Page - SPANSION AM42DL1644DB70IT Datasheet HTML 7Page - SPANSION AM42DL1644DB70IT Datasheet HTML 8Page - SPANSION AM42DL1644DB70IT Datasheet HTML 9Page - SPANSION AM42DL1644DB70IT Datasheet HTML 10Page - SPANSION AM42DL1644DB70IT Datasheet HTML 11Page - SPANSION AM42DL1644DB70IT Datasheet HTML 12Page - SPANSION AM42DL1644DB70IT Datasheet HTML 13Page - SPANSION AM42DL1644DB70IT Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
January 9, 2002
Am42DL16x4D
9
P R E L IMINARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am42DL16x
4
D
T
70
I
T
TAPE AND REEL
T
=
7 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
FLASH SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top Sector
B
=
Bottom Sector
FLASH PROCESS TECHNOLOGY
D=
CS49S
SRAM DEVICE DENSITY
4=
4 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am42DL16x4D
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
Valid Combinations
Order Number
Package Marking
Am42DL1614DT70I
Am42DL1614DB70I
T
M42000001A
M420000001B
Am42DL1614DT85I
Am42DL1614DB85I
M42000001C
M42000001D
Am42DL1624DT70I
Am42DL1624DB70I
M42000001E
M42000001F
Am42DL1624DT85I
Am42DL1624DB85I
M42000001G
M42000001H
Am42DL1634DT70I
Am42DL1634DB70I
M42000001I
M420000001J
Am42DL1634DT85I
Am42DL1634DB85I
M42000001K
M42000001L
Am42DL1644DT70I
Am42DL1644DB70I
M42000001M
M42000001N
Am42DL1644DT85I
Am42DL1644DB85I
M420000001O
M420000001P


유사한 부품 번호 - AM42DL1644DB70IT

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM42DL1644DB70IT AMD-AM42DL1644DB70IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

유사한 설명 - AM42DL1644DB70IT

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com