전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT74 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74ABT74
상세설명  Dual D-type flip-flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT74 데이터시트(HTML) 4 Page - NXP Semiconductors

  74ABT74 Datasheet HTML 1Page - NXP Semiconductors 74ABT74 Datasheet HTML 2Page - NXP Semiconductors 74ABT74 Datasheet HTML 3Page - NXP Semiconductors 74ABT74 Datasheet HTML 4Page - NXP Semiconductors 74ABT74 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
74ABT74
Dual D-type flip-flop
1995 Sep 22
4
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
The shaded areas indicate when the input is permitted to change for predictable output performance
VM
VM
CPn
VM
VM
VM
VM
VM
VM
tsu(H)
th(H)
Dn
Qn
VM
tw(H)
1/fmax
tsu(L)
th(L)
VM
VM
tPLH
Qn
tw(L)
tPHL
tPHL
tPLH
SF00049
Waveform 1.
Propagation delay for data to output,
data setup time and hold times, and clock width,
and maximum clock frequency
SDn or RDn
VM
VM
trec
CPn
SF00051
Waveform 2.
Recovery time for set or reset to clock
VM
VM
RDn
VM
Qn
VM
VM
VM
tPLH
Qn
tw(L)
tPHL
tPHL
tPLH
SDn
VM
VM
tw(L)
SF00050
Waveform 3.
Propagation delay for set and reset to output,
set and reset pulse width
OUTPUT N
same part
INPUT
SA00381
OUTPUT
tPLH
MIN
tPHL
MIN
tPLH
MAX
tPHL
MAX
tOSLH
tOSHL
Waveform 4. Common edge skew


유사한 부품 번호 - 74ABT74

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74ABT74D NEXPERIA-74ABT74D Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74ABT74PW NEXPERIA-74ABT74PW Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results

유사한 설명 - 74ABT74

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com