전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM54S251 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DM54S251
상세설명  TRI-STATE 1 of 8 Line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54S251 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  DM54S251 Datasheet HTML 1Page - National Semiconductor (TI) DM54S251 Datasheet HTML 2Page - National Semiconductor (TI) DM54S251 Datasheet HTML 3Page - National Semiconductor (TI) DM54S251 Datasheet HTML 4Page - National Semiconductor (TI) DM54S251 Datasheet HTML 5Page - National Semiconductor (TI) DM54S251 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 280X
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
A B or C
18
21
ns
Low to High Level Output
(4 Levels) to Y
tPHL
Propagation Delay Time
A B or C
195
23
ns
High to Low Level Output
(4 Levels) to Y
tPLH
Propagation Delay Time
A B or C
15
18
ns
Low to High Level Output
(3 Levels) to W
tPHL
Propagation Delay Time
A B or C
135
17
ns
High to Low Level Output
(3 Levels) to W
tPLH
Propagation Delay Time
D to Y
12
15
ns
Low to High Level Output
tPHL
Propagation Delay Time
D to Y
12
15
ns
High to Low Level Output
tPLH
Propagation Delay Time
DtoW
7
10
ns
Low to High Level Output
tPHL
Propagation Delay Time
DtoW
7
10
ns
High to Low Level Output
tPZH
Output Enable Time
Strobe
195
ns
to High Level Output
to Y
tPZL
Output Enable Time
Strobe
21
ns
to Low Level Output
to Y
tPHZ
Output Disable Time
Strobe
85
ns
to High Level Output (Note 1)
to Y
tPLZ
Output Disable Time
Strobe
14
ns
to Low Level Output (Note 1)
to Y
tPZH
Output Enable Time
Strobe
195
ns
to High Level Output
to W
tPZL
Output Enable Time
Strobe
21
ns
to Low Level Output
to W
tPHZ
Output Disable Time
Strobe
85
ns
to High Level Output (Note 1)
to W
tPLZ
Output Disable Time
Strobe
14
ns
to Low Level Output (Note 1)
to W
Note 1
CL e 5 pF
3


유사한 부품 번호 - DM54S251

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
DM54S257J NSC-DM54S257J Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
DM54S257W NSC-DM54S257W Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
DM54S258 NSC-DM54S258 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
DM54S258J NSC-DM54S258J Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
More results

유사한 설명 - DM54S251

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74LS251 FAIRCHILD-DM74LS251 Datasheet
58Kb / 6P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com