전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLM358 데이터시트(PDF) 3 Page - Hi-Sincerity Mocroelectronics

부품명 HLM358
상세설명  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HLM358 데이터시트(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HLM358 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HLM358 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HLM358 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HLM358 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HLM358 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HLM358 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics HLM358 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200409
Issued Date : 2004.05.01
Revised Date : 2004.05.14
Page No. : 3/7
HLM358P, HLM358S
HSMC Product Specification
Characteristics Curve
Power Supply Current & Power Supply Voltage
0
0.3
0.6
0.9
1.2
1.5
1.8
0
5
10
15
20
25
30
35
VCC, Power Supply Voltage (V)
Ta=25
oC
RL=
Large Signal Frequency Response
0
2
4
6
8
10
12
14
1
10
100
1000
f, Frequency (KHz)
RL=2K
VCC=15V
VEE=GND
AV=-100
RI=1K
RF=100K
Large Signal Open Loop Voltage Gain
0
20
40
60
80
100
120
1
10
100
1000
10000
100000
1000000
f, Frequency (Hz)
VCC=15V
VEE=Gnd
Ta=25
oC
Voltage Follower Pulse Response
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
40
t, Time (us)
RL≥2.0K
V+=15VDC
1
0
2
3
1
Small Signal Voltage Follower Pulse Response
(Non Inverting)
200
250
300
350
400
450
01
2
3
4
5
6
7
8
t, Time (us)
VCC=30V
VEE=Gnd
Ta=25
oC
CL=50pF
Voltage Gain
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
V+, Supply Voltage (V)
RL=20K
RL=2K


유사한 부품 번호 - HLM358

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
200Kb / 6P
   Low Power Dual Operational Amplifiers
More results

유사한 설명 - HLM358

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com