전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC00PW 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AHC00PW
상세설명  Quad 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC00PW 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC00PW Datasheet HTML 2Page - NXP Semiconductors 74AHC00PW Datasheet HTML 3Page - NXP Semiconductors 74AHC00PW Datasheet HTML 4Page - NXP Semiconductors 74AHC00PW Datasheet HTML 5Page - NXP Semiconductors 74AHC00PW Datasheet HTML 6Page - NXP Semiconductors 74AHC00PW Datasheet HTML 7Page - NXP Semiconductors 74AHC00PW Datasheet HTML 8Page - NXP Semiconductors 74AHC00PW Datasheet HTML 9Page - NXP Semiconductors 74AHC00PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Sep 23
6
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74AHC00; 74AHCT00
74AHCT family
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN. TYP. MAX. MIN. MAX. MIN. MAX.
VIH
HIGH-level input
voltage
4.5 to 5.5 2.0
−−
2.0
2.0
V
VIL
LOW-level input
voltage
4.5 to 5.5
−−
0.8
0.8
0.8
V
VOH
HIGH-level output
voltage; all
outputs
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
4.4
V
HIGH-level output
voltage
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level output
voltage; all
outputs
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
0.1
V
LOW-level output
voltage
VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
0.55
V
II
input leakage
current
VI =VIH or VIL
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF current
VI =VIH or VIL;
VO =VCC or GND
per input pin;
other inputs at
VCC or GND;
IO =0
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
2.0
20
40
µA
∆I
CC
additional
quiescent supply
current per input
pin
VI =VCC − 2.1 V
other inputs at
VCC or GND;
IO =0
4.5 to 5.5
−−
1.35
1.5
1.5
mA
CI
input capacitance
−−
310
10
10
pF


유사한 부품 번호 - 74AHC00PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC00PW NXP-74AHC00PW Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74AHC00PW NEXPERIA-74AHC00PW Datasheet
227Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 26 May 2020
74AHC00PW-Q100 NEXPERIA-74AHC00PW-Q100 Datasheet
704Kb / 15P
   Quad 2-input NAND gate
More results

유사한 설명 - 74AHC00PW

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com