전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT1G04GW 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74AHCT1G04GW
상세설명  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G04GW 데이터시트(HTML) 2 Page - NXP Semiconductors

  74AHCT1G04GW Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G04GW Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G04GW Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G04GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G04GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G04GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G04GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G04GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G04GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2003 Sep 04
2
Philips Semiconductors
Product specification
Inverter
74AHC1G04; 74AHCT1G04
FEATURES
• Symmetrical output impedance
• High noise immunity
• ESD protection:
– HBM EIA/JESD22-A114-A exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V
– CDM EIA/JESD22-C101 exceeds 1000 V.
• Low power dissipation
• Balanced propagation delays
• Very small 5-pin package
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74AHC1G04/74AHCT1G04 are high-speed Si-gate
CMOS devices.
The 74AHC1G04/74AHCT1G04 provides the inverting
buffer.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
∑(CL × VCC2 × fo) = sum of outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
74AHC1G04
74AHCT1G04
tPHL/tPLH
propagation delay input A to output Y CL = 15 pF; VCC = 5 V
3.1
3.4
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
CL = 50 pF; f = 1 MHz;
notes 1 and 2
15
16
pF


유사한 부품 번호 - 74AHCT1G04GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHCT1G04GW NEXPERIA-74AHCT1G04GW Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHCT1G04GW-Q100 NEXPERIA-74AHCT1G04GW-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
74AHCT1G04GW-Q100 NEXPERIA-74AHCT1G04GW-Q100 Datasheet
209Kb / 11P
   Inverter
Rev. 3 - 11 January 2022
More results

유사한 설명 - 74AHCT1G04GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com