전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT1G14GV 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AHCT1G14GV
상세설명  Inverting Schmitt trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G14GV 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT1G14GV Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2002 Jun 06
6
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC1G14; 74AHCT1G14
Family 74AHCT1G
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VOH
HIGH-level
output voltage
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
4.4
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level
output voltage
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 8.0 mA
4.5
−−
0.36
0.44
0.55
V
ILI
input leakage
current
VI =VIH or VIL
5.5
−−
0.1
1.0
2.0
µA
ICC
quiescent
supply current
VI =VCC or GND;
IO =0
5.5
−−
1.0
10
40
µA
∆I
CC
additional
quiescent
supply current
per input pin
VI = 3.4 V;
other inputs at
VCC or GND;
IO =0
5.5
−−
1.35
1.5
1.5
mA
CI
input
capacitance
1.5
10
10
10
pF


유사한 부품 번호 - 74AHCT1G14GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT1G14GV NXP-74AHCT1G14GV Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74AHCT1G14GV NXP-74AHCT1G14GV Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06-18 May 2009
logo
Nexperia B.V. All right...
74AHCT1G14GV NEXPERIA-74AHCT1G14GV Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHCT1G14GV-Q100 NEXPERIA-74AHCT1G14GV-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
74AHCT1G14GV-Q100 NEXPERIA-74AHCT1G14GV-Q100 Datasheet
259Kb / 14P
   Inverting Schmitt trigger
Rev. 4 - 12 January 2022
More results

유사한 설명 - 74AHCT1G14GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com