전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MJLM108A-X 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 MJLM108A-X
부품 상세설명  OPERATIONAL AMPLIFIERS (SINGLE)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

MJLM108A-X 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button MJLM108A-X Datasheet HTML 2Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 3Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 4Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 5Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 6Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 7Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 8Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 9Page - National Semiconductor (TI) MJLM108A-X Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MJLM108A-X REV 2A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +20V, Vcm = 0V, Rs = 50 Ohms
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Ios-
Short Circuit
Current
+Vcc = +15V, -Vcc = -15V, t < 25mS
15
mA
1, 2,
3
Icc
Power Supply
Current
+Vcc = +15V, -Vcc = -15V
0.6
mA
1, 2
0.8
mA
3
AC/DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +20V, Vcm = 0V, Rs = 50 Ohms
AC:
+Vcc = +20V, Vcm = 0V, Rs = 50 Ohms
+Vop
Output Voltage
Swing
Rl = 10K Ohms
16
V
4, 5,
6
-Vop
Output Voltage
Swing
Rl = 10K Ohms
-16
V
4, 5,
6
Avs+
Open Loop Voltage
Gain
Rl = 10K Ohms, Vout = +15V
3
80
V/mV
4
3
40
V/mV
5, 6
Avs-
Open Loop Voltage
Gain
Rl = 10K Ohms, Vout = -15V
3
80
V/mV
4
3
40
V/mV
5, 6
Avs
Open Loop Voltage
Gain
+Vcc = +5V, Rl = 10K Ohms, Vout = +2V
3
20
V/mV
4, 5,
6
TR(tr)
Transient
Response Rise
Time
Rl = 10K Ohms, Cl = 100pF, f < 1KHz,
Vin = +50mV
4
1000
nS
7, 8A,
8B
TR(os)
Transient
Response
Overshoot
Rl = 10K Ohms, Cl = 100pF, f < 1KHz,
Vin = +50mV
4
50
%
7, 8A,
8B
Sr(+)
Slew Rate
Av = 1, Vin = -5V to +5V
0.05
V/uS
7, 8A,
8B
Sr(-)
Slew Rate
Av = 1, Vin = +5V to -5V
0.05
V/uS
7, 8A,
8B
NI(BB)
Noise Broadband
BW = 10Hz to 5KHz, Rs = 0 Ohms
2
15
uVrms 7
NI(PC)
Noise Popcorn
BW = 10Hz to 5KHz, Rs = 100K Ohms
2
40
uVpk
7
6


유사한 부품 번호 - MJLM108A-X

제조업체부품명데이터시트부품 상세설명
National Semiconductor (TI)
National Semiconductor ...
MJLM120-5-H NSC-MJLM120-5-H Datasheet
15Kb / 4P
   VOLTAGE REGULATOR -5 VOLTS AT .5A
More results

유사한 설명 - MJLM108A-X

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
Panasonic Semiconductor
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
Siemens Semiconductor Group
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
STMicroelectronics
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
Texas Instruments
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
Siemens Semiconductor Group
Siemens Semiconductor G...
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
Linear Technology
Linear Technology
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
Texas Instruments
Texas Instruments
TLV2711CDBVR TI1-TLV2711CDBVR Datasheet
813Kb / 32P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
Advanced Monolithic Systems Ltd
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com