전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA81-3 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 SMA81-3
상세설명  Cascadable Amplifier 20 to 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA81-3 데이터시트(HTML) 2 Page - Tyco Electronics

  SMA81-3 Datasheet HTML 1Page - Tyco Electronics SMA81-3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cascadable Amplifier
20 to 500 MHz
A81-3/ SMA81-3
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


유사한 부품 번호 - SMA81-3

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
SMA81-3 MA-COM-SMA81-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

유사한 설명 - SMA81-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
A81-2 MACOM-A81-2_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
A80 MA-COM-A80_15 Datasheet
635Kb / 3P
   Cascadable Amplifier 20 to 500 MHz
logo
Tyco Electronics
A80 MACOM-A80 Datasheet
356Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
A81-2 MACOM-A81-2 Datasheet
100Kb / 1P
   20 TO 500 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A81-3 MA-COM-A81-3_15 Datasheet
634Kb / 3P
   Cascadable Amplifier 20 to 500 MHz
logo
Teledyne Technologies I...
UTOUTC0546 TELEDYNE-UTOUTC0546 Datasheet
171Kb / 6P
   Thin-Film Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A513 MA-COM-A513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com