전자부품 데이터시트 검색엔진 |
|
74AHCT32PW 데이터시트(PDF) 4 Page - NXP Semiconductors |
|
74AHCT32PW 데이터시트(HTML) 4 Page - NXP Semiconductors |
4 / 16 page 1999 Sep 27 4 Philips Semiconductors Product specification Quad 2-input OR gate 74AHC32; 74AHCT32 RECOMMENDED OPERATING CONDITIONS LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V). Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. For SO packages: above 70 °C the value of PD derates linearly with 8 mW/K. For TSSOP packages: above 60 °C the value of PD derates linearly with 5.5 mW/K. SYMBOL PARAMETER CONDITIONS 74AHC 74AHCT UNIT MIN. TYP. MAX. MIN. TYP. MAX. VCC DC supply voltage 2.0 5.0 5.5 4.5 5.0 5.5 V VI input voltage 0 − 5.5 0 − 5.5 V VO output voltage 0 − VCC 0 − VCC V Tamb operating ambient temperature range see DC and AC characteristics per device −40 +25 +85 −40 +25 +85 °C −40 +25 +125 −40 +25 +125 °C tr,tf (∆t/∆f) input rise and fall rates VCC = 3.3 V ±0.3 V −− 100 −−− ns/V VCC =5V ±0.5 V −− 20 −− 20 SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC DC supply voltage −0.5 +7.0 V VI input voltage range −0.5 +7.0 V IIK DC input diode current VI < −0.5 V; note 1 −−20 mA IOK DC output diode current VO < −0.5 V or VO >VCC + 0.5 V; note 1 −±20 mA IO DC output source or sink current −0.5V<VO <VCC + 0.5 V −±25 mA ICC DC VCC or GND current −±75 mA Tstg storage temperature range −65 +150 °C PD power dissipation per package for temperature range: −40 to +125 °C; note 2 − 500 mW |
유사한 부품 번호 - 74AHCT32PW |
|
유사한 설명 - 74AHCT32PW |