전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALS20 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74ALS20
상세설명  Dual 4-Input NAND gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS20 데이터시트(HTML) 2 Page - NXP Semiconductors

  74ALS20 Datasheet HTML 1Page - NXP Semiconductors 74ALS20 Datasheet HTML 2Page - NXP Semiconductors 74ALS20 Datasheet HTML 3Page - NXP Semiconductors 74ALS20 Datasheet HTML 4Page - NXP Semiconductors 74ALS20 Datasheet HTML 5Page - NXP Semiconductors 74ALS20 Datasheet HTML 6Page - NXP Semiconductors 74ALS20 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
74ALS20A
Dual 4-input NAND gate
2
1996 Jul 01
853–0859 01670
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS20A
4.5ns
0.65mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
14-pin plastic DIP
74ALS20AN
SOT27-1
14-pin plastic SO
74ALS20AD
SOT108-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
1A
1B
NC
1C
1D
1Y
GND
2Y
2A
2B
NC
2C
2D
VCC
SC00024
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
nA, nB, nC, nD
Data inputs
1.0/1.0
20
µA/0.1mA
nY
Data outputs
20/80
0.4mA/8mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
VCC = Pin 14
GND = Pin 7
1245
9
10
12
13
1A 1B 1C 1D 2A 2B 2C 2D
1Y 2Y
68
SC00025
IEC/IEEE SYMBOL
SF00068
&
6
8
1
2
4
5
9
10
12
13
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
1A
1B
1Y
6
1
2
SC00026
1C
4
1D
5
2A
2B
2Y
8
9
10
2C
12
2D
13
FUNCTION TABLE
INPUTS
OUTPUT
nA
nB
nC
nD
nY
H
H
H
H
L
L
X
X
X
H
X
L
X
X
H
X
X
L
X
H
X
X
X
L
H
H = High voltage level
L
= Low voltage level
X = Don’t care


유사한 부품 번호 - 74ALS20

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALS240A PHILIPS-74ALS240A Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
74ALS240A-1 PHILIPS-74ALS240A-1 Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
74ALS240A-1D PHILIPS-74ALS240A-1D Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
74ALS240A-1DB PHILIPS-74ALS240A-1DB Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
74ALS240A-1N PHILIPS-74ALS240A-1N Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
More results

유사한 설명 - 74ALS20

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com