전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALS240A-1N 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74ALS240A-1N
상세설명  Octal inverter buffer 3-State
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS240A-1N 데이터시트(HTML) 3 Page - NXP Semiconductors

  74ALS240A-1N Datasheet HTML 1Page - NXP Semiconductors 74ALS240A-1N Datasheet HTML 2Page - NXP Semiconductors 74ALS240A-1N Datasheet HTML 3Page - NXP Semiconductors 74ALS240A-1N Datasheet HTML 4Page - NXP Semiconductors 74ALS240A-1N Datasheet HTML 5Page - NXP Semiconductors 74ALS240A-1N Datasheet HTML 6Page - NXP Semiconductors 74ALS240A-1N Datasheet HTML 7Page - NXP Semiconductors 74ALS240A-1N Datasheet HTML 8Page - NXP Semiconductors 74ALS240A-1N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
74ALS240A/
74ALS240A-1
Octal inverter buffer (3-State)
1991 Feb 08
3
LOGIC DIAGRAM
VCC = Pin 20
GND = Pin 10
SF00323
Yb0
Yb1
Yb2
Yb3
3
5
7
9
17
15
13
11
10
Ya0
Ya1
Ya2
Ya3
18
16
14
12
2
4
6
8
1
Ib0
Ib1
Ib2
Ib3
OEb
Ia0
Ia1
Ia2
Ia3
OEa
FUNCTION TABLE
INPUTS
OUTPUTS
OEa
Ia
OEb
Ib
Ya
Yb
L
L
L
L
H
H
L
H
L
H
L
L
H
X
H
X
Z
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IO
Current applied to output in Low output state
All versions
48
mA
IOUT
Current applied to output in Low output state
-1 version
96
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–15
mA
IO
Low level output current
All versions
24
mA
IOL
Low-level output current
-1 version
48 1
mA
Tamb
Operating free-air temperature range
0
+70
°C
NOTE:
1. The 48mA limit applies only under the condition of VCC = 5.0V ±5%.


유사한 부품 번호 - 74ALS240A-1N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALS241A PHILIPS-74ALS241A Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS241A-1 PHILIPS-74ALS241A-1 Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS241A-1D PHILIPS-74ALS241A-1D Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS241A-1DB PHILIPS-74ALS241A-1DB Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS241A-1N PHILIPS-74ALS241A-1N Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
More results

유사한 설명 - 74ALS240A-1N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
74F1240 PHILIPS-74F1240 Datasheet
85Kb / 10P
   Octal inverter buffer 3-State
1999 Jan 08
74F540N PHILIPS-74F540N Datasheet
100Kb / 10P
   Octal inverter buffer (3- State)
1990 Jan 08
74F540 PHILIPS-74F540 Datasheet
84Kb / 10P
   Octal inverter buffer 3- State
1990 Jan 08
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com