전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S82J-30005B 데이터시트(HTML) 1 Page - Omron Electronics LLC

부품명 S82J-30005B
상세내용  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo 

S82J-30005B 데이터시트(HTML) 1 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
/ 20 page
 1 / 20 page
background image
Switch mode Power Supply
S82J
L-79
Switch mode Power Supply
S82J
Compact and Economical Switch mode Power Supplies with Capacities Up to 600 W
DIN Track Mounting Bracket Type Now Available
• Power range from 10 W up to 600 W.
• Output Voltages: 5 V, 12 V, 15 V, or 24 V.
• Mounting bracket provided for mounting to control panels.
• Maintenance-free up to 300 W due to natural ventilation.
• Protection-ON alarm indicator shows valuable protection functions in action (300-/600-W models).
• Conforms to EMC standards: EN50081-2 and EN50082-2.
• With an external filter, achieves conformance to EN50081-1 for universal usage on EMI (300-/600-W models).
• Finger protection terminal block to meet VDE0106/P100
• Class 2 approved 10-W, 25-W (except for 5-V output), and 50-W (only for 24-V output) models.
• UL508 approved. All models can be used at full load in UL508A industrial control panel applications.
• Approved by UL/CSA standards, EN60950, and EN50178 (VDE0160).
• Six-language instruction manual provided. (English, French, German, Italian, Spanish, and Japanese)
Model Number Structure
I Model Number Legend
S82J
Covered Type
Open-frame Type
Enclosure Type
<10 W to 150 W>
• 100 to 240-VAC input
• 100 or 200 VAC (selected automatically)
(100-W 5-/12-/15-V output, 150-W models)
<10 W to 150 W>
• 100 to 240-VAC input
• 100 or 200 VAC (selected automatically)
(100-W 5-/12-/15-V output, 150-W models)
<300/600 W>
• 100 or 200 VAC (selectable)
S82J -
1
3
2
4
1. Power Ratings
010:
10 W
025:
25 W
050:
50 W
100:
100 W
150:
150 W
300:
300 W
600:
600 W
4. Mounting Bracket
None: Front-mounting Bracket Type
D:
DIN Track Mounting Bracket Type
2. Output Voltage
05:
5 V
12:
12 V
15:
15 V
24:
24 V
3. Configuration
A:
Open-frame type, front terminals
B:
Open-frame type, top terminals
C:
Open-frame type, connector
D:
Covered type, front terminals
E:
Covered type, top terminals
F:
Covered type, connector
N:
Without Mounting Bracket
None: Enclosure type, front terminals with
Mounting Bracket


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn