전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S82J-30005B 데이터시트(HTML) 13 Page - Omron Electronics LLC

부품명 S82J-30005B
상세내용  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo 

S82J-30005B 데이터시트(HTML) 13 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
/ 20 page
 13 / 20 page
background image
Switching Power Supply
S82J
L-91
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Open-frame type and covered type have the same dimensions.
I Front-mounting Bracket Type
97
±1
65
±0.5
3.5
161
±1
5
6.5
22
127
±0.5
150.5
±0.5
153
±0.5
3.5
10
28
7
20
20
±0.5
124
±1
3.5
97
±1
65
±0.5
28
3.5
112
±0.5
17.5
21.5
83
±0.5
6.5
5
116
±0.5
6
3.5
90
±1
97
±1
65
±0.5
5
82
±0.5
78
±0.5
6.5
3.5
28
50
±0.5
17.5
15
5
82
±0.5
65
±0.5
78
±0.5
112
±0.5
65
±0.5
116
±0.5
153
±0.5
65
±0.5
150.5
±0.5
35
±1
40
±1
40
±1
12 max.
Two, 3.5 dia.
3.5 dia.
Two, 3.5 dia.
3.5 dia.
12 max.
Two, 3.5 dia.
3.5 dia.
12 max.
S82J-010
@@@ (10 W)
S82J-025
@@@ (25 W)
S82J-050
@@@ (50 W)
Side Mounting
Bottom Mounting
Two, M3
Two, M3
Side Mounting
Bottom Mounting
Two, M3
Two, M3
Mounting Holes
Side Mounting
Bottom Mounting
Two, M3
Two, M3
M3.5 terminal
screw
Two, M3
For track mounting bracket
(4 mm deep max.)
Mounting Holes
(Surface Screw Mounting)
M3.5 terminal
screw
Two, M3
For track mounting bracket
(4 mm deep max.)
Mounting Holes
(Surface Screw Mounting)
M3.5 terminal
screw
Three, M3
For track mounting bracket
(4 mm deep max.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn