์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S82J-30005B ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Omron Electronics LLC

๋ถ€ํ’ˆ๋ช… S82J-30005B
์ƒ์„ธ๋‚ด์šฉ  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  OMRON [Omron Electronics LLC]
ํ™ˆํŽ˜์ด์ง€  http://www.omron.com/index3.html
Logo 

S82J-30005B ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
/ 20 page
 3 / 20 page
background image
Switch mode Power Supply
S82J
L-81
I DIN Track Mounting Bracket Type
Configuration
Input Voltage
Power
ratings
Output
voltage
Output
current
Front terminals
Top terminals
Connector
Open-frame type 100 to 240 VAC 10 W
5 V
2 A
S82J-01005AD
---
---
12 V
1 A
S82J-01012AD
---
---
15 V
0.7 A
S82J-01015AD
---
---
24 V
0.5 A
S82J-01024AD
---
---
25 W
5 V
5 A
S82J-02505AD
---
---
12 V
2.1 A
S82J-02512AD
---
---
15 V
1.7 A
S82J-02515AD
---
---
24 V
1.1 A
S82J-02524AD
---
---
50 W
5 V
10 A
S82J-05005AD
---
---
12 V
4.2 A
S82J-05012AD
---
---
24 V
2.1 A
S82J-05024AD
---
---
100 or 200 VAC
(selected
automatically)
100 W
5 V
20 A
S82J-10005AD
S82J-10005BD
S82J-10005CD
12 V
8.5 A
S82J-10012AD
S82J-10012BD
S82J-10012CD
15 V
7 A
S82J-10015AD
S82J-10015BD
S82J-10015CD
100 to 240 VAC
24 V
4.5 A
S82J-10024AD
---
---
100 or 200 VAC
(selected
automatically)
150 W
24 V
6.5 A
S82J-15024AD
S82J-15024BD
S82J-15024CD
Covered type
100 to 240 VAC 10 W
5 V
2 A
S82J-01005DD
---
---
12 V
1 A
S82J-01012DD
---
---
15 V
0.7 A
S82J-01015DD
---
---
24 V
0.5 A
S82J-01024DD
---
---
25 W
5 V
5 A
S82J-02505DD
---
---
12 V
2.1 A
S82J-02512DD
---
---
15 V
1.7 A
S82J-02515DD
---
---
24 V
1.1 A
S82J-02524DD
---
---
50 W
5 V
10 A
S82J-05005DD
---
---
12 V
4.2 A
S82J-05012DD
---
---
24 V
2.1 A
S82J-05024DD
---
---
100 or 200 VAC
(selected
automatically)
100 W
5 V
20 A
S82J-10005DD
S82J-10005ED
S82J-10005FD
12 V
8.5 A
S82J-10012DD
S82J-10012ED
S82J-10012FD
15 V
7 A
S82J-10015DD
S82J-10015ED
S82J-10015FD
100 to 240 VAC
24 V
4.5 A
S82J-10024DD
---
---
100 or 200 VAC
(selected
automatically)
150 W
24 V
6.5 A
S82J-15024DD
S82J-15024ED
S82J-15024FD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn