전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S82J-02512D 데이터시트(PDF) 20 Page - Omron Electronics LLC

부품명 S82J-02512D
상세설명  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-02512D 데이터시트(HTML) 20 Page - Omron Electronics LLC

Back Button S82J-02512D Datasheet HTML 12Page - Omron Electronics LLC S82J-02512D Datasheet HTML 13Page - Omron Electronics LLC S82J-02512D Datasheet HTML 14Page - Omron Electronics LLC S82J-02512D Datasheet HTML 15Page - Omron Electronics LLC S82J-02512D Datasheet HTML 16Page - Omron Electronics LLC S82J-02512D Datasheet HTML 17Page - Omron Electronics LLC S82J-02512D Datasheet HTML 18Page - Omron Electronics LLC S82J-02512D Datasheet HTML 19Page - Omron Electronics LLC S82J-02512D Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
L-98
Switching Power Supply
S82J
Generating Output Voltage (
±)
An output of
± can be generated by using two Power Supplies as
shown below, because the Power Supply produces a floating output.
If operation amplifiers as loads are connected in series, connect a
diode between the positive and negative output terminals of each
Switching Power Supplies as shown in the illustration below. Without
these diodes, the Power Supply may not start when power is turned
on, possibly damaging internal circuits over a period of time.
Use Schottky barrier diodes with a low forward voltage (V
F). Other
types of diodes will not be effective.
Guidelines for the dielectric strength and current of the diodes are as
follows:
Dielectric strength: At least twice the rated output voltage of the
Power Supply
Forward current: At least twice the rated output
current
No diodes are required for models that allow series operation.
Series Operation
Only models with power ratings of 50/100/150/300/600 W allow
series operation.
As shown in the following diagram, the output voltage from each
Switching Power Supply can be added.
With the S82J-050
@@@@ or S82J-10024@@, if the load is shorted a
reverse voltage may result in the Power Supply causing deterioration
and damage. It is recommended that diodes are connected as
shown in the previous diagram (D
1, D2).
Parallel Operation
Only 300- and 600-W models can be in parallel operation. Do not
operate any other models in parallel. The output of the models in par-
allel operation is a maximum of 80% of the rated output.
Set the parallel operation selector to PARALLEL if the Units are in
parallel operation and make sure that the thickness and the length of
all wires connected to the load are the same to ensure that the wires
will have no voltage drop differences.
Fan Replacement
The service life of the fan is approximately 50,000 hours (at 25
°C).
The service life varies, however, depending on the ambient tempera-
ture or other surrounding environmental conditions such as dust. As
a preventive maintenance measure, replace the fan within two years
if it is used at an ambient temperature of 40
°C.
Fans are available as replacements.
Fan Set:
Fan (above), four M4 x 35 sems screws, instruction sheet, and pack-
ing case
Replace the fan as shown in the following illustration.
+V
−V
+V
−V
+V
0 V
−V
INPUT
INPUT
Load
Load
+ V
− V
+ V
− V
D1
D2
INPUT
INPUT
Load
Load
Load
+V
−V
+V
−V
D1
D2
INPUT
INPUT
Load
Model: S82Y-JFAN
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. M047-E1-07


유사한 부품 번호 - S82J-02512D

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

유사한 설명 - S82J-02512D

제조업체부품명데이터시트상세설명
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com