전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALS564AD 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ALS564AD
상세설명  Latch flip/flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS564AD 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ALS564AD Datasheet HTML 2Page - NXP Semiconductors 74ALS564AD Datasheet HTML 3Page - NXP Semiconductors 74ALS564AD Datasheet HTML 4Page - NXP Semiconductors 74ALS564AD Datasheet HTML 5Page - NXP Semiconductors 74ALS564AD Datasheet HTML 6Page - NXP Semiconductors 74ALS564AD Datasheet HTML 7Page - NXP Semiconductors 74ALS564AD Datasheet HTML 8Page - NXP Semiconductors 74ALS564AD Datasheet HTML 9Page - NXP Semiconductors 74ALS564AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ALS563A/74ALS564A
Latch/flip-flop
1996 Jul 01
6
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–2.6
mA
IOL
Low-level output current
24
mA
Tamb
Operating free-air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = ±10%, VIL = MAX,
IOH = –0.4mA VCC – 2
V
VOH
High-level output voltage
CC
,
IL
,
VIH = MIN
IOH = MAX
2.4
3.2
V
VO
Low level output voltage
VCC = MIN, VIL = MAX,
IOL = 12mA
0.25
0.40
V
VOL
Low-level output voltage
CC
,
IL
,
VIH = MIN
IOL = 24mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.5
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
0.1
mA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
I
Low-level input
74ALS563A
VCC = MAX V =0 4V
–0.1
mA
IIL
current
74ALS564A
VCC = MAX, VI = 0.4V
–0.2
mA
IOZH
Off-state output current,
High-level voltage applied
VCC = MAX, VI = 2.7V
20
µA
IOZL
Off-state output current,
Low-level voltage applied
VCC = MAX, VI = 0.4V
–20
µA
IO
Output current3
VCC = MAX, VO = 2.25V
–30
–112
mA
ICCH
7
12
mA
74ALS563A
ICCL
VCC = MAX
13
21
mA
ICC
Supply current (total)
ICCZ
15
24
mA
ICC
Supply current (total)
ICCH
11
18
mA
74ALS564A
ICCL
VCC = MAX
17
27
mA
ICCZ
18
28
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


유사한 부품 번호 - 74ALS564AD

제조업체부품명데이터시트상세설명
logo
Silicon Supplies
74ALS51 SS-74ALS51 Datasheet
589Kb / 4P
   2-wide 3-Input, 2-wide 2-Input AND-OR-Invert Gate IC in bare die form
Rev 1.0 24/11/17
74ALS51 SS-74ALS51 Datasheet
536Kb / 4P
   Advanced Low Power Schottky Logic
Rev 1.1 24/01/24
74ALS51 SS-74ALS51_V01 Datasheet
536Kb / 4P
   Advanced Low Power Schottky Logic
Rev 1.1 24/01/24
logo
Texas Instruments
74ALS540 TI-74ALS540 Datasheet
512Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ALS540 FAIRCHILD-74ALS540 Datasheet
61Kb / 5P
   Octal Inverting Buffer and Line Driver with 3-STATE Outputs
More results

유사한 설명 - 74ALS564AD

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALS573B PHILIPS-74ALS573B Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74F534 PHILIPS-74F534 Datasheet
97Kb / 12P
   Latch/flip-flop
1999 Jan 08
N74ALS573 PHILIPS-N74ALS573 Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74ALS373 PHILIPS-74ALS373 Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
logo
Nexperia B.V. All right...
74F373 NEXPERIA-74F373 Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
Microsemi Corporation
TSC370 MICROSEMI-TSC370 Datasheet
828Kb / 2P
   Flip-Flop
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com