전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S82J-30005N 데이터시트(HTML) 11 Page - Omron Electronics LLC

부품명 S82J-30005N
상세내용  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo 

S82J-30005N 데이터시트(HTML) 11 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
/ 20 page
 11 / 20 page
background image
Switching Power Supply
S82J
L-89
Engineering Data
I Derating Curve
10-/25-/50-/100-/150-W Model
300-W Model
600-W Model
Note: Provide a minimum clearance of 20 mm between the Power Supplies.
Natural air-cooling
Natural air-cooling
Open-frame type
Ambient temperature (
°C)
Covered-type
Ambient temperature (
°C)
Standard Installation
Forced air-cooling (1 m
3/min)
Forced air-cooling
(1 m
3/min)
Note: The derating curve shown is for
standard installation. The derating
curve depends on the mounting
direction of the Power Supply.
120
120
100
100
Single Operation
Parallel Operation
Standard mounting
20 mm min.
20 mm min.
20 mm min.
20 mm min.
Ambient temperature (
°C)
Ambient temperature (
°C)
Forced air-cooling
(1 m
3/min)
(Standard mounting)
Natural air-cooling
(Standard mounting)
Forced air-cooling
(1 m
3/min)
(Side mounting)
Natural cooling
(Side mounting)
Forced air-cooling
(1 m
3/min)
(Standard mounting)
Natural air-cooling
(Standard
mounting)
Forced air-cooling
(1 m
3/min)
(Side mounting)
Natural cooling
(Side mounting)
120
100
100
120
Single Operation
Parallel Operation
Standard Mounting
Ambient temperature (
°C)
Ambient temperature (
°C)
20 mm min.
20 mm min.
20 mm min.
20 mm min.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn