전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S82J-30005N 데이터시트(HTML) 14 Page - Omron Electronics LLC

부품명 S82J-30005N
상세내용  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo 

S82J-30005N 데이터시트(HTML) 14 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
/ 20 page
 14 / 20 page
background image
L-92
Switching Power Supply
S82J
170
±1
4.5
97
±1
65
±0.5
7
162
±0.5
160
±0.5
100
±0.5
15
25
±0.5
4.5
28
±0.5
50
±1
6.5
27.5
15
5
162
±0.5
65
±0.5
160
±0.5
12 max.
Three, M4
4.5 dia.
4.5 dia.
Two, M3
Two, M3
Mounting Holes
Side Mounting
Bottom Mounting
S82J-10024
@
(100 W, 24-V Output)
M3.5 terminal
screw
188
180
±0.5
4.5
97
50
4.5
89
±0.5
35
±0.5
25
±0.5
55
±0.3
100
±0.5
27.5
±0.3
7
±0.3
178
±0.5
3
±0.25
3
±0.25
8.1
9.5
M4 x 8
15
180
±0.5
82
±0.8
178
±0.5
198 (see note)
4 max.
4.5 dia.
4.5 dia.
Mounting holes (on both sides)
Side Mounting
Bottom Mounting
Two, M4
Two, M4
S82J-100
@@@
(100 W, 5-/12-/15-V Output)
S82J-15024
@ (150 W)
Note: Top terminal and connector models
are 188 mm wide.
Three, M4
(6 mm max. deep)
Mounting Holes
(Surface Screw Mounting)
(19)
150
±0.5
50
±0.5
150
±0.5
100
±0.5
S82J-30024
@ (300 W)
Four, M4 holes (depth: 8 max.)
Nine, M4 terminal screws
Side
4 max.
Side Mounting
Bottom Mounting
Four, 4.5 dia.
Four, 4.5 dia.
Eight, M4 holes
(depth: 8 max.
on both sides)
Mounting Holes
(Surface Screw Mounting)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn