전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S82J-30005N 데이터시트(PDF) 15 Page - Omron Electronics LLC

부품명 S82J-30005N
상세설명  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-30005N 데이터시트(HTML) 15 Page - Omron Electronics LLC

Back Button S82J-30005N Datasheet HTML 11Page - Omron Electronics LLC S82J-30005N Datasheet HTML 12Page - Omron Electronics LLC S82J-30005N Datasheet HTML 13Page - Omron Electronics LLC S82J-30005N Datasheet HTML 14Page - Omron Electronics LLC S82J-30005N Datasheet HTML 15Page - Omron Electronics LLC S82J-30005N Datasheet HTML 16Page - Omron Electronics LLC S82J-30005N Datasheet HTML 17Page - Omron Electronics LLC S82J-30005N Datasheet HTML 18Page - Omron Electronics LLC S82J-30005N Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Switching Power Supply
S82J
L-93
Dimensions with Mounting Bracket (Provided)
150
±0.5
50
±0.5
150
±0.5
100
±0.5
S82J-60024
@ (600 W)
Four, M4 holes (depth: 8 max. on one side)
Nine, M4 terminal screws
Side Mounting
Bottom Mounting
Four, 4.5 dia.
Four, 4.5 dia.
Mounting Holes
(Surface Screw Mounting)
Eight, M4 holes
(depth: 8 max.
on both sides)
Four, M4 holes
(depth: 8 max.)
(b)
(b)
(a)
(a)
1.5
11
9
60
5
20
31.5
15
20.5
4.7
4.6
11
74
15
±0.2
4.6
60
20
t=1.0
Mounting bracket
Power supply unit
10-/25-/50-/100 (24 V)-W Models
Mounting Holes
Using the Mounting Bracket
Note: The mounting screws are order separately.
Two, M3
Two,
3.5 dia.
Attach the mounting bracket to the panel and
loosely tighten the two screws. Insert the projected
parts of the bracket (b) to the square holes of the
power supply (a). Then securely tighten the screws.
30
±0.5
110
±0.5
38
1.5
6.5
11
t=0.8
23.5
Mounting bracket
120 max.
Two, 5 dia.
100- (5, 12, 15 V) and 150-W Models
Mounting with Brackets
Note: The brackets are for front-mounting.
5 dia.


유사한 부품 번호 - S82J-30005N

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

유사한 설명 - S82J-30005N

제조업체부품명데이터시트상세설명
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com