전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S82J-02515 데이터시트(PDF) 8 Page - Omron Electronics LLC

부품명 S82J-02515
상세설명  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-02515 데이터시트(HTML) 8 Page - Omron Electronics LLC

Back Button S82J-02515 Datasheet HTML 4Page - Omron Electronics LLC S82J-02515 Datasheet HTML 5Page - Omron Electronics LLC S82J-02515 Datasheet HTML 6Page - Omron Electronics LLC S82J-02515 Datasheet HTML 7Page - Omron Electronics LLC S82J-02515 Datasheet HTML 8Page - Omron Electronics LLC S82J-02515 Datasheet HTML 9Page - Omron Electronics LLC S82J-02515 Datasheet HTML 10Page - Omron Electronics LLC S82J-02515 Datasheet HTML 11Page - Omron Electronics LLC S82J-02515 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
L-86
Switching Power Supply
S82J
AC(L)
AC(N)
+V
−V
+V
−V
AC (L)
AC (N)
Input
Fuse (5 A)
Noise filter
Control circuit
Photocoupler
Detector
DC Output
S82J-10024
@@ (100 W, 24-V Output)
Rectifier
Photocoupler
DC Output
Input
Fuse (8 A)
Noise filter
Rectifier
Control circuit
Detector
Photocoupler
S82J-15024
@@ (150 W)
Inrush current
protection
circuit
Smoothing
circuit
Overload
detection
circuit
Rectifier and
smoothing
circuit
Overload
detection
circuit
Inrush current
protection circuit
100 or 200 V
(selected au-
tomatically)
Overcurrent
detector
Rectifier and
smoothing
circuit
S82J-30024
@ (300 W)
Parallel operation selector
100/200 V (selectable)
Fuse (10 A)
Noise filter
Detector
Photocoupler
Photocoupler
DC Output
Input
Inrush current
protection circuit
Rectifier and
smoothing circuit
Control
circuit
Overcurrent
detector
Rectifier and
smoothing
circuit
Overvoltage
detector
Note:
Short-circuit the input voltage selector
terminals if the input is 100 to 120 VAC.
Keep the terminals open if the input is
200 to 230 VAC.


유사한 부품 번호 - S82J-02515

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

유사한 설명 - S82J-02515

제조업체부품명데이터시트상세설명
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com