전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IPB070N06LG 데이터시트(HTML) 6 Page - Infineon Technologies AG

부품명 IPB070N06LG
상세내용  OptiMOS® Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo 

IPB070N06LG 데이터시트(HTML) 6 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 6 / 10 page
background image
IPB070N06L G IPP070N06L G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=80 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
5
10
15
20
-60
-20
20
60
100
140
180
T j [°C]
150 µA
1500 µA
0
0.5
1
1.5
2
2.5
3
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
4
10
3
10
2
10
1
0
1020
3040
50
V DS [V]
25 °C
175 °C
25°C 98%
175°C 98%
10
3
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
Rev. 1.22
page 6
2006-04-07


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
IPD350N06LGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPB048N06LGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPD400N06NGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPB050N06NGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPD640N06LGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPB065N06LGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPD800N06NGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPB070N06NGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPP80N04S2-04OptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG
IPB080N06NGOptiMOS® Power-Transistor 1 2 3 4 5 MoreInfineon Technologies AG

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn