전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPB080N06NG 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 IPB080N06NG
상세설명  OptiMOS짰 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB080N06NG 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button IPB080N06NG Datasheet HTML 2Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 3Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 4Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 5Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 6Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 7Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 8Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 9Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IPB080N06N G
IPP080N06N G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=80 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
5
10
15
20
-60
-20
20
60
100
140
180
T j [°C]
150 µA
1500 µA
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-20
20
60
100
140
180
T j [°C]
25 °C
175 °C
25°C 98%
175°C 98%
10
3
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
2.5
V SD [V]
Ciss
Coss
Crss
10
4
10
3
10
2
0
1020
3040
50
V DS [V]
Rev. 1.01
page 6
2006-05-02


유사한 부품 번호 - IPB080N06NG

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IPB080N06NG INFINEON-IPB080N06NG Datasheet
421Kb / 10P
   OptiMOS??Power-Transistor Features Low gate charge for fast switching applications
Rev. 1.05 2010-01-19
IPB080N06NG INFINEON-IPB080N06NG_10 Datasheet
421Kb / 10P
   OptiMOS??Power-Transistor Features Low gate charge for fast switching applications
Rev. 1.05 2010-01-19
More results

유사한 설명 - IPB080N06NG

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com