전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC16836ADGG 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74ALVC16836ADGG
상세설명  20-bit registered driver with inverted register enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC16836ADGG 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC16836ADGG Datasheet HTML 3Page - NXP Semiconductors 74ALVC16836ADGG Datasheet HTML 4Page - NXP Semiconductors 74ALVC16836ADGG Datasheet HTML 5Page - NXP Semiconductors 74ALVC16836ADGG Datasheet HTML 6Page - NXP Semiconductors 74ALVC16836ADGG Datasheet HTML 7Page - NXP Semiconductors 74ALVC16836ADGG Datasheet HTML 8Page - NXP Semiconductors 74ALVC16836ADGG Datasheet HTML 9Page - NXP Semiconductors 74ALVC16836ADGG Datasheet HTML 10Page - NXP Semiconductors 74ALVC16836ADGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC16836A
20-bit registered driver with inverted register enable
(3-State)
2000 Mar 14
7
AC CHARACTERISTICS FOR VCC = 2.3 V TO 2.7 V RANGE
GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7 V
UNIT
MIN
TYP1
MAX
Propagation delay
An to Yn
1, 7
1.0
2.4
4.2
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
1.3
2.8
4.5
ns
Propagation delay
CP to Yn
4, 7
1.4
2.8
5.0
tPZH/tPZL
3-State output enable time
OE to Yn
6, 7
1.4
2.2
4.0
ns
tPHZ/tPLZ
3-State output disable time
OE to Yn
6, 7
1.4
2.0
4.5
ns
t
CP pulse width HIGH or LOW
4, 7
2.0
ns
tW
LE pulse width HIGH
2, 7
2.0
ns
tS
Set-up time An to CP
5, 7
1.0
ns
tSU
Set-up time An to LE
3, 7
1.5
ns
t
Hold time An to CP
5, 7
0.6
0.2
ns
th
Hold time An to LE
3, 7
1.4
0.4
ns
fmax
Maximum clock pulse frequency
4, 7
150
300
MHz
NOTE:
1. All typical values are at VCC = 3.3 V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3 V
VCC = 2.7 V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
Propagation delay
An to Yn
1, 7
1.0
2.3
3.6
1.3
2.7
4.0
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
1.3
2.6
4.2
1.3
2.8
4.5
ns
Propagation delay
CP to Yn
4, 7
1.3
2.5
4.2
1.3
2.7
4.5
tPZH/tPZL
3-State output enable time
OE to Yn
6, 7
1.1
2.3
4.4
1.4
3.0
4.5
ns
tPHZ/tPLZ
3-State output disable time
OE to Yn
6, 7
1.3
2.8
4.3
1.4
3.1
4.3
ns
t
CP pulse width HIGH or LOW
4, 7
2.0
2.0
ns
tW
LE pulse width HIGH
2, 7
2.0
2.0
ns
tS
Set-up time An to CP
5, 7
1.0
1.0
ns
tSU
Set-up time An to LE
3, 7
1.5
1.5
ns
t
Hold time An to CP
5, 7
0.9
0.3
0.6
0.3
ns
th
Hold time An to LE
3, 7
1.4
0.3
1.7
0.4
ns
fmax
Maximum clock pulse frequency
4, 7
150
300
200
350
MHz
NOTES:
1. All typical values are measured Tamb = 25°C.
2. Typical value is measured at VCC = 3.3 V


유사한 부품 번호 - 74ALVC16836ADGG

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVC16836ADGG NEXPERIA-74ALVC16836ADGG Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
More results

유사한 설명 - 74ALVC16836ADGG

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com