전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16623DGG 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74ALVCH16623DGG
상세설명  16-bit transceiver with dual enable; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16623DGG 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH16623DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Sep 20
7
Philips Semiconductors
Product specification
16-bit transceiver with dual enable; 3-state
74ALVCH16623
DC CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
Notes
1. All typical values are measured at Tamb =25 °C.
2. Valid for data inputs of bus hold parts.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
VI (V)
OTHER
VCC (V)
MIN.
TYP.(1)
MAX.
VIH
HIGH-level input voltage
2.3 to 2.7 1.7
1.2
V
2.7 to 3.6 2.0
1.5
VIL
LOW-level input voltage
2.3 to 2.7
1.2
0.7
V
2.7 to 3.6
1.5
0.8
VOH
HIGH-level output voltage
VIH or VIL
IO = −100 µA 2.3 to 3.6 VCC − 0.2 VCC
V
IO = −6 mA
2.3
VCC − 0.3 VCC − 0.08 −
IO = −12 mA
2.3
VCC − 0.6 VCC − 0.26 −
IO = −12 mA
2.7
VCC − 0.5 VCC − 0.14 −
IO = −12 mA
3.0
VCC − 0.6 VCC − 0.09 −
IO = −24 mA
3.0
VCC − 1.0 VCC − 0.28 −
VOL
LOW-level output voltage
VIH or VIL
IO = 100 µA
2.3 to 3.6
GND
0.20
V
IO =6mA
2.3
0.07
0.40
IO =12mA
2.3
0.15
0.70
IO =12mA
2.7
0.14
0.40
IO =24mA
3.0
0.27
0.55
Il
input leakage current
VCC or
GND
2.3 to 3.6
0.1
5
µA
IOZ
3-state output OFF-state
current
VIH or VIL VO =VCC or
GND
2.3 to 3.6
0.1
10
µA
ICC
quiescent supply voltage
VCC or
GND
IO = 0
2.3 to 3.6
0.2
40
µA
∆ICC
additional quiescent supply
current given per data I/O
pin with bus hold
VCC − 0.6 IO = 0
2.3 to 3.6
150
750
µA
IBHL
bus hold LOW sustaining
current
0.7(2)
2.3(2)
45
−−
µA
0.8(2)
3.0(2)
75
150
IBHH
bus hold HIGH sustaining
current
1.7(2)
2.3(2)
−45
−µA
2.0(2)
3.0(2)
−75
−175
IBHLO
bus hold LOW overdrive
current
3.6(2)
500
−−
µA
IBHHO
bus hold LOW overdrive
current
3.6(2)
−500
−−
µA


유사한 부품 번호 - 74ALVCH16623DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
More results

유사한 설명 - 74ALVCH16623DGG

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
74ABT161543 PHILIPS-74ABT161543 Datasheet
85Kb / 12P
   16-bit latched transceiver with dual enable and master reset 3-State
1998 Feb 27
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com