전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16823 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74ALVCH16823
상세설명  18-bit bus-interface D-type flip-flop with reset and enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16823 데이터시트(HTML) 2 Page - NXP Semiconductors

  74ALVCH16823 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16823 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16823 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16823 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16823 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16823 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16823 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16823 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16823 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16823
18-bit D-type flip-flop (3-State)
2
1998 Jul 29
853–2100 19800
FEATURES
Wide supply voltage range of 1.2V to 3.6V
Complies with JEDEC standard no. 8-1A.
CMOS low power consumption
Direct interface with TTL levels
Current drive ± 24 mA at 3.0 V
Multibyte™flow-through standard pin-out architecture
Low inductance multiple V
CC and GND pins to minimize noise and
ground bounce
All data inputs have bus hold
Output drive capability 50Ω transmission lines @ 85°C
DESCRIPTION
The 74ALVCH16823 is a 18-bit edge-triggered flip-flop featuring
separate D-type inputs for each flip-flop and 3-state outputs for bus
oriented applications. Incorporates bushold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs. The74ALVCH16823 consists of two sections of nine
edge-triggered flip-flops. A clock (CP) input, an output-enable (OE)
input, a Master reset (MR) input and a clock-enable( CE) input are
provided for each total 9-bit section.
With the clock-enable (CE) input LOW, the D-type flip-flops will store
the state of their individual D-inputs that meet the set-up and hold
time requirements on the LOW-to-HIGH CP transition. Taking CE
HIGH disables the clock buffer, thus latching the outputs. Taking the
Master reset (MR) input LOW causes all the Q outputs to go LOW
independently of the clock.
When OE is LOW, the contents of the flip-flops are available at the
outputs. When the OE is HIGH, the outputs go to the high
impedance OFF-state. Operation of the OE input does not affect the
state of flip-flops.
Active bus hold circuitry is provided to hold unused or floating data
inputs at a valid logic level.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf ≤ 2.5ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
CP to Qn
VCC = 2.5V, CL = 30pF
VCC = 3.3V, CL = 50pF
2.1
2.1
ns
Fmax
Maximum clock frequency
VCC = 2.5V, CL = 30pF
VCC = 3.3V, CL = 50pF
300
350
MHz
CI
Input capacitance
5.0
pF
C
Power dissipation capacitance per latch
V = GND to VCC1
Outputs enabled
16
pF
CPD
Power dissipation capacitance per latch
VI = GND to VCC1
Outputs disabled
10
pF
NOTES:
1.
CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type II
-40
°C to +85°C
74ALVCH16823 DL
ACH16823 DL
SOT371-1
56-Pin Plastic TSSOP Type II
-40
°C to +85°C
74ALVCH16823 DGG
ACH16823 DGG
SOT364-1


유사한 부품 번호 - 74ALVCH16823

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
74ALVCH16823DGG NEXPERIA-74ALVCH16823DGG Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
More results

유사한 설명 - 74ALVCH16823

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com