전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16827 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74ALVCH16827
상세설명  20-bit buffer/line driver, non-inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16827 데이터시트(HTML) 3 Page - NXP Semiconductors

  74ALVCH16827 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVCH16827
20-bit buffer/line driver, non-inverting (3-State)
1998 Jul 27
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1OE1
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
GND
VCC
GND
1Y7
1Y8
1Y9
2Y0
2Y1
2Y2
GND
2Y3
2Y4
2Y5
VCC
2Y6
2Y7
GND
2Y8
2Y9
2OE1
1OE2
1A0
1A1
GND
1A2
1A3
VCC
1A4
1A5
1A6
GND
1A7
1A8
1A9
2A0
2A1
2A2
GND
2A3
2A4
2A5
VCC
2A6
2A7
GND
2A8
2A9
2OE2
SH00010
LOGIC SYMBOL
1A0
1A1 1A2
1A3 1A4
1A5 1A6
1A7
1Y0
1Y1 1Y2
1Y3 1Y4
1Y5 1Y6
1Y7
1A8
1A9
1Y8
1Y9
2A0
2A1 2A2
2A3 2A4
2A5 2A6
2A7
2Y0
2Y1 2Y2
2Y3 2Y4
2Y5 2Y6
2Y7
2A8
2A9
2Y8
2Y9
55
54
52
51
49
48
47
45
44
43
56
1
29
28
2
3
5
6
8
9
10
12
13
14
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
SH00011
1OE1
1OE2
2OE1
2OE2
LOGIC SYMBOL (IEEE/IEC)
EN1
1
EN2
1
2
1
SH00012
1
56
28
29
55
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
30
2
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
27
&
&
1OE1
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
1Y7
1Y8
1Y9
2Y0
2Y1
2Y2
2Y3
2Y4
2Y5
2Y6
2Y7
2Y8
2Y9
2OE1
1OE2
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1A8
1A9
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2A8
2A9
2OE2
FUNCTION TABLE
INPUTS
OUTPUTS
nOE1
nOE2
A
Y
L
L
L
L
L
L
H
H
H
H
X
Z
X
H
X
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state


유사한 부품 번호 - 74ALVCH16827

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
74ALVCH16827DGG NEXPERIA-74ALVCH16827DGG Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
Texas Instruments
74ALVCH16827DGGRE4 TI1-74ALVCH16827DGGRE4 Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16827DGGRG4 TI1-74ALVCH16827DGGRG4 Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16827DLG4 TI1-74ALVCH16827DLG4 Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVCH16827

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com