전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSIC-301 데이터시트(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

부품명 TSIC-301
상세설명  High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZMD [Zentrum Mikroelektronik Dresden AG]
홈페이지  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC-301 데이터시트(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  TSIC-301 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC-301 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG TSIC-301 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TSic™-301
Temperature Sensor IC
Specification
Features
Analog 0-1 Volt signal output
Accuracy: ±0.3
oC over a span of 80°C
Resolution: 0.1
oC
Wide range measurement:
–50
o to +150oC
Signal
update
every
0.1
second
(other update frequencies on request)
Supply Voltage V+ = 3.0V to 5.5V, high
accuracy operation in range V+ = 4.5V to
5.5V
Precision temperature sensor at low cost
Package: 8-pin SOIC or 3-pin e-line
Low quiescent current of less than 80
µA at
25°C and 3.3V to minimize self-heating and
power consumption
System-on-a-chip
based
on
advanced
mixed signal technology incorporating:
precision temperature sensing bandgap
reference with PTAT output
digital signal processor (DSP) core
electrically erasable (EE) memory
digital serial interface using single wire for
signal output
Package Information
TSic
TM 301 SOP8: 150mil, Standard SMT
Package, SOIC, Based on IEC 191-2Q:
Type 076E35 B
Pin
No.
Name
Description
1
V+
supply voltage
(3.0-5.5V)
2
Signal
Temperature
output signal
4
Gnd
Ground
3,
5-8
TP/NC
Test Pin / NC
Do not connect
Other packages on customer’s demand:
TSic
TM 301 e-line: 3 Pin THT package
Description TSic
TM Series
The TSic
TM series of temperature sensor ICs
were specifically designed as a high-perform-
ance, cost-effective solution for temperature
sensing in building automation, automotive, in-
dustrial, office automation, white goods and low
power / mobile applications.
The TSic
TM employs high precision bandgap ref-
erence with proportional-to-absolute-tempera-
ture (PTAT) output; low-power precision ADC;
and on-chip DSP core with electrically erasable
(EE) memory to precisely calibrate the output
temperature signal.
TSic
TM series of temperature sensor ICs offers
devices with two linear analog signal output op-
tions such as standard 0~1Vout signal (V+ = 3.0V
to
5.5V)
or
ratiometric
(10~90%
V+
i.e.
0.5~4.5Vout @ V+=5V) or the digital serial output
signal
to
interface
with
µP controllers.
Output Example of TSic
TM devices
Temperature Measurement Range
-50°C to 150°C or -58°F to302°F
(wide range device)
TSic-301
TSic-303
TSic-306
Temp
(
oC)
Temp
(
oF)
Analog
0~1V
Analog
ratiometric
10~90%
Digital
-50
1
-58
0.000
10% of V+
0x000
-10
14
0.200
26% of V+
0x199
0
32
0.250
30% of V+
0x200
25
77
0.375
40% of V+
0x2FF
60
140
0.550
54% of V+
0x465
125
257
0.875
80% of V+
0x6FE
150
2
302
1.000
90% of V+
0x7FF
1 LT = -50, 2 HT = 150 as default values for
the temperature calculation set points.
Formula for Temperature Signal [°C]:
Analog output 0-1V:
T = (Sig[Volt]*(HT-LT)+LT) [°C]
Ratiometric 10%-90% output:
T = ((Sig[V]/VDD[V])-0.1)/0.8 *(HT-LT)+LT
Digital output:
T= (Digital_signal/2047*(HT-LT)+LT) [°C]


유사한 부품 번호 - TSIC-301

제조업체부품명데이터시트상세설명
logo
Zentrum Mikroelektronik...
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
More results

유사한 설명 - TSIC-301

제조업체부품명데이터시트상세설명
logo
Zentrum Mikroelektronik...
TSIC-201 ZMD-TSIC-201 Datasheet
168Kb / 3P
   Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
TSIC-106 ZMD-TSIC-106 Datasheet
462Kb / 2P
   Rapid Response, Low-Cost Temperature Sensor IC
TSIC-206 ZMD-TSIC-206 Datasheet
461Kb / 2P
   Precise, Rapid Response, Low-Cost Temperature Sensor IC
TSIC-506 ZMD-TSIC-506 Datasheet
455Kb / 2P
   High Resolution, High Precision, Rapid Response Temperature Sensor IC
logo
Analog Devices
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592CNZ AD-AD592CNZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com