전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVT162731DGG 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74ALVT162731DGG
상세설명  2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162731DGG 데이터시트(HTML) 5 Page - NXP Semiconductors

  74ALVT162731DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVT162731DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVT162731DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVT162731DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVT162731DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVT162731DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVT162731DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT162731DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT162731DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162731
2.5V/3.3V 1-to-4 address register/driver with 30
termination resistors (3-State)
1999 Mar 23
5
DC ELECTRICAL CHARACTERISTICS (3.3V
"0.3V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 3.0V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC =3 0V; IOH = –12mA
20
25
V
VOH
High-level out ut voltage
VCC = 3.0V; IOH = –12mA
2.0
2.5
V
VOL
Low–level output voltage
VCC =3 0V; IOL = 12mA
05
08
V
VOL
Low–level out ut voltage
VCC = 3.0V; IOL = 12mA
0.5
0.8
V
OL
g
CC
OL
VRST
Power-up output low voltage6
VCC = 3.6V; IO = 1mA; VI = VCC or GND
0.55
V
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1
II
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
0.1
10
µA
II
In ut leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.5
1
µA
VCC = 3.6V; VI = 0
Data ins4
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
Bus Hold current
VCC = 3V; VI = 0.8V
75
130
IHOLD
Bus Hold current
Data inputs7
VCC = 3V; VI = 2.0V
–75
–140
µA
Data inputs7
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
10
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC
OE/OE = Don’t care
1
±100
µA
IOZH
3-State output High current
VCC = 3.6V; VO = 3.0V; VI = VIL or VIH
0.5
5
µA
IOZL
3-State output Low current
VCC = 3.6V; VO = 0.5V; VI = VIL or VIH
0.5
–5
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.05
0.1
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
7.0
9.0
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO=05
0.06
0.1
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.04
0.4
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
7. This is the bus hold overdrive current required to force the input to the opposite logic state.


유사한 부품 번호 - 74ALVT162731DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

유사한 설명 - 74ALVT162731DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16344 PHILIPS-74ALVT16344 Datasheet
88Kb / 12P
   2.5V/3.3V 1-to-4 address driver 3-State
1998 Jun 30
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
logo
Texas Instruments
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com