전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVT162827DL 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74ALVT162827DL
상세설명  20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162827DL 데이터시트(HTML) 3 Page - NXP Semiconductors

  74ALVT162827DL Datasheet HTML 1Page - NXP Semiconductors 74ALVT162827DL Datasheet HTML 2Page - NXP Semiconductors 74ALVT162827DL Datasheet HTML 3Page - NXP Semiconductors 74ALVT162827DL Datasheet HTML 4Page - NXP Semiconductors 74ALVT162827DL Datasheet HTML 5Page - NXP Semiconductors 74ALVT162827DL Datasheet HTML 6Page - NXP Semiconductors 74ALVT162827DL Datasheet HTML 7Page - NXP Semiconductors 74ALVT162827DL Datasheet HTML 8Page - NXP Semiconductors 74ALVT162827DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162827
2.5V/3.3V 20-bit buffer/line driver, non-inverting,
with 30
Ω termination resistors (3-State)
1998 Feb 13
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1OE0
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
GND
VCC
GND
1Y7
1Y8
1Y9
2Y0
2Y1
2Y2
GND
2Y3
2Y4
2Y5
VCC
2Y6
2Y7
GND
2Y8
2Y9
2OE0
1OE1
1A0
1A1
GND
1A2
1A3
VCC
1A4
1A5
1A6
GND
1A7
1A8
1A9
2A0
2A1
2A2
GND
2A3
2A4
2A5
VCC
2A6
2A7
GND
2A8
2A9
2OE1
SH00010
LOGIC SYMBOL
1A0
1A1 1A2
1A3 1A4
1A5 1A6
1A7
1Y0
1Y1 1Y2
1Y3 1Y4
1Y5 1Y6
1Y7
1A8
1A9
1Y8
1Y9
2A0
2A1 2A2
2A3 2A4
2A5 2A6
2A7
2Y0
2Y1 2Y2
2Y3 2Y4
2Y5 2Y6
2Y7
2A8
2A9
2Y8
2Y9
55
54
52
51
49
48
47
45
44
43
56
1
29
28
2
3
5
6
8
9
10
12
13
14
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
SH00011
1OE0
1OE1
2OE0
2OE1
LOGIC SYMBOL (IEEE/IEC)
EN1
1
EN2
1
2
1
SH00012
1
56
28
29
55
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
30
2
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
27
&
&
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
nOEx
nAx
nYx
OPERATING MODE
L
L
L
Transparent
L
H
H
Transparent
H
X
Z
High impedance
X = Don’t care
Z = High impedance “off” state
H = High voltage level
L
= Low voltage level
SCHEMATIC OF EACH OUTPUT
VCC
VCC
OUTPUT
SW00206
27
27


유사한 부품 번호 - 74ALVT162827DL

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVT162827DGG NEXPERIA-74ALVT162827DGG Datasheet
199Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018
More results

유사한 설명 - 74ALVT162827DL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
74ALVT162827 NEXPERIA-74ALVT162827 Datasheet
199Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com