전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4473GV52 데이터시트(PDF) 12 Page - Infineon Technologies AG

부품명 TLE4473GV52
상세설명  Dual Low Drop Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV52 데이터시트(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4473GV52 Datasheet HTML 7Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 8Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 9Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 10Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 11Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 12Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 13Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 14Page - Infineon Technologies AG TLE4473GV52 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
12
Rev. 1.0, 2004-07-14
TLE 4473 GV53
TLE 4473 GV52
Current Consumption
Quiescent current;
I
q = II IQ1IQ2
I
q
200
265
µA
TLE 4473 GV52;
I
Q1 = 500 µA;
Q1 on; Q2 off; T
j < 85°C
210
280
µA
TLE 4473 GV53;
I
Q1 = 500 µA;
Q1 on; Q2 off; T
j < 85°C
–7
20
mA
I
Q1 = 300 mA
I
Q2 = 500
µA,
V
Q1 & VQ2 on
250
500
µA
I
Q2 = IQ1 = 500
µA;
V
Q1 & VQ2 on
Inhibit Input INH1
Turn-on Voltage
V
INH1 ON
––
2.3
V
V
Q1 on
Turn-off Voltage
V
INH1 OFF
0.8
V
V
Q1 off
H-input current
I
INH1 ON
–1
0.5
3
µA
V
INH1=5 V
L-input current
I
INH1 OFF
–1
0.1
1
µA
0 V <
V
INH1<0.8 V
Watchdog and Reset Timing D1
Charge current
I
DC1
3.0
7.0
11.0
µA
V
D1 = 0.7 V
Discharge current
I
DD1
1.1
1.5
3.7
µA
V
D1 = 0.7 V
Upper timing
threshold
V
DU1
0.7
1.1
1.6
V
Lower timing
threshold
V
DL1
0.2
0.35
0.6
V
Electrical Characteristics (cont’d)
V
I1 =13.5 V; VINH1 =VINH2= 5V; – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


유사한 부품 번호 - TLE4473GV52

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
292Kb / 16P
   Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
More results

유사한 설명 - TLE4473GV52

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com