전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4473GV55-2 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 TLE4473GV55-2
상세설명  Dual Low Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV55-2 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4473GV55-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TLE 4473 GV55-2
Target Data Sheet
9
Rev. 0.2, 2005-07-26
Table 4
Electrical Characteristics
V
I1 = 13.5 V; VINH1 = VINH2 = 5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Stand-by Regulator
Output Q2
Output voltage
V
Q2
4.90
5.0
5.10
V
1 mA <
I
Q2 < 190 mA;
6 V <
V
I < 28 V
Output current
limitation
I
Q2
200
300
550
mA
V
Q2 = 4.5 V
Output drop voltage;
V
DRQ1 = VI1 - VQ1
V
DRQ2
200
600
mV
I
Q2 = 100 mA
1)
Load regulation
V
Q2,Lo
15
50
mV
1 mA <
I
Q2 < 190 mA
Line regulation
V
Q2,Li
5
20
mV
I
Q2 = 1 mA;
6 V <
V
I < 28 V
Power Supply Ripple
Rejection
PSRR
65
dB
f
r = 100 Hz;
V
r = 1 Vpp
Current Consumption
Quiescent current;
stand-by
I
q = II - IQ2
I
q
170
220
µA
I
Q2 = 500 µA; Tj = 25 °C;
V
INH1 < VINH1 OFF (Q1 off)
245
µA
I
Q2 = 500 µA; Tj = 85 °C;
V
INH1 < VINH1 OFF (Q1 off)
280
µA
I
Q2 = 500 µA;
V
INH1 < VINH1 OFF (Q1 off)
4.5
5
mA
I
Q2 = 100 mA;
V
INH1 < VINH1 OFF (Q1 off)
Quiescent current;
inhibited
I
q
0.1
1
µA
V
INH1 = VINH2 = 0 V;
T
j < 85 °C
0.1
15
µA
V
INH1 = VINH2 = 0 V


유사한 부품 번호 - TLE4473GV55-2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
355Kb / 17P
   Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
Rev. 1.2, 2008-10-28
TLE4473GV55-2 INFINEON-TLE4473GV55-2_08 Datasheet
355Kb / 17P
   Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
Rev. 1.2, 2008-10-28
More results

유사한 설명 - TLE4473GV55-2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
   Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com