전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP1189 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 FP1189
상세설명  High Performance 쩍-Watt HFET(Heterostructure FET)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FP1189 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FP1189 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 9Page - List of Unclassifed Manufacturers FP1189 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
June 2003
FP1189
½-Watt HFET
Product Information
The Communications Edge
TM
FP1189-PCB2140S Application Circuit Performance Plots
S11vs. Frequency
-30
-25
-20
-15
-10
-5
0
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
S21vs. Frequency
11
12
13
14
15
16
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
S22vs. Frequency
-30
-25
-20
-15
-10
-5
0
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
P1dBvs. Frequency
20
22
24
26
28
30
2110
2130
2150
2170
Frequency (MHz)
-40C
+25C
+85C
NoiseFigure vs. Frequency
0
1
2
3
4
5
6
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
ACPRvs. Channel Power
3GPPW-CDMA, Test Model 1+64 DPCH, ±5MHz offset
-65
-60
-55
-50
-45
-40
-35
13
14
15
16
17
18
19
20
21
Output Channel Power (dBm)
-40C
+25 C
+85 C
freq= 2140 MHz
OIP3 vs. Temperature
32
34
36
38
40
42
-40
-15
10
35
60
85
Temperature (°C)
freq= 2140, 2141MHz
+12 dBm/ tone
Output Power / Gainvs. Input Power
frequency =2140 MHz, Temp= +25° C
6
8
10
12
14
16
0
4
8
121620
Input Power (dBm)
10
14
18
22
26
30
Output Power
Gain
OIP3 vs. Output Power
fundamental frequency = 1960, 1961 MHz; Temp =+25° C
25
30
35
40
45
0
4
8
121620
24
Output Power (dBm)
Output Power / Gainvs. Input Power
frequency =2140 MHz, Temp= -40° C
6
8
10
12
14
16
04
8
12
16
20
Input Power (dBm)
10
14
18
22
26
30
Output Power
Gain
IMDproducts vs. Output Power
fundamental frequency = 2140, 2141 MHz; Temp =+25° C
-80
-60
-40
-20
0
4
8
12
16
20
24
Output Power (dBm)
IMD_Low
IMD_High
Output Power / Gainvs. Input Power
frequency =2140 MHz, Temp= +85° C
6
8
10
12
14
16
0
4
8
121620
Input Power (dBm)
10
14
18
22
26
30
Output Power
Gain


유사한 부품 번호 - FP1189

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FP1189 WJCI-FP1189 Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP1189-G WJCI-FP1189-G Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189-G WJCI-FP1189-G Datasheet
387Kb / 11P
   쩍-Watt HFET
FP1189-PCB1900S WJCI-FP1189-PCB1900S Datasheet
517Kb / 12P
   1/2 - Watt HFET
More results

유사한 설명 - FP1189

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
logo
List of Unclassifed Man...
FP2189 ETC-FP2189 Datasheet
451Kb / 6P
   high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor (GaAs HFET)
logo
NXP Semiconductors
MMH3111NT1 NXP-MMH3111NT1 Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
   High Gain, High Linearity 쩍 Watt Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com