전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC16834DGG 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AVC16834DGG
상세설명  18-bit registered driver with inverted register enable 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16834DGG 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AVC16834DGG Datasheet HTML 2Page - NXP Semiconductors 74AVC16834DGG Datasheet HTML 3Page - NXP Semiconductors 74AVC16834DGG Datasheet HTML 4Page - NXP Semiconductors 74AVC16834DGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16834DGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16834DGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16834DGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16834DGG Datasheet HTML 9Page - NXP Semiconductors 74AVC16834DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Preliminary specification
74AVC16834
18-bit registered driver with inverted register enable
(3-State)
1999 Jul 23
9
TSSOP56:
plastic thin shrink small outline package; 56 leads; body width 6.1mm
SOT364-1


유사한 부품 번호 - 74AVC16834DGG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AVC16834DGGRE4 TI1-74AVC16834DGGRE4 Datasheet
375Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74AVC16834DGGRG4 TI1-74AVC16834DGGRG4 Datasheet
375Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74AVC16834DGG

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com