전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 12 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 8Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 9Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 10Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 11Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 12Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 13Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 14Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 15Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
12
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
SECTOR ADDRESS TABLE (Continued)
Bank Address
Sector Address
Address Range
Bank
Sector
A21 A20 A19 A18 A17 A16 A15 A14 A13 A12
Word Mode
Bank B
SA66
0111011X
X
X
1D8000h to 1DFFFFh
Bank B
SA67
0111100X
X
X
1E0000h to 1E7FFFh
Bank B
SA68
0111101X
X
X
1E8000h to 1EFFFFh
Bank B
SA69
0111110X
X
X
1F0000h to 1F7FFFh
Bank B
SA70
0111111X
X
X
1F8000h to 1FFFFFh
Bank C
SA71
1000000X
X
X
200000h to 207FFFh
Bank C
SA72
1000001X
X
X
208000h to 20FFFFh
Bank C
SA73
1000010X
X
X
210000h to 217FFFh
Bank C
SA74
1000011X
X
X
218000h to 21FFFFh
Bank C
SA75
1000100X
X
X
220000h to 227FFFh
Bank C
SA76
1000101X
X
X
228000h to 22FFFFh
Bank C
SA77
1000110X
X
X
230000h to 237FFFh
Bank C
SA78
1000111X
X
X
238000h to 23FFFFh
Bank C
SA79
1001000X
X
X
240000h to 247FFFh
Bank C
SA80
1001001X
X
X
248000h to 24FFFFh
Bank C
SA81
1001010X
X
X
250000h to 257FFFh
Bank C
SA82
1001011X
X
X
258000h to 25FFFFh
Bank C
SA83
1001100X
X
X
260000h to 267FFFh
Bank C
SA84
1001101X
X
X
268000h to 26FFFFh
Bank C
SA85
1001110X
X
X
270000h to 277FFFh
Bank C
SA86
1001111X
X
X
278000h to 27FFFFh
Bank C
SA87
1010000X
X
X
280000h to 287FFFh
Bank C
SA88
1010001X
X
X
288000h to 28FFFFh
Bank C
SA89
1010010X
X
X
290000h to 297FFFh
Bank C
SA90
1010011X
X
X
298000h to 29FFFFh
Bank C
SA91
1010100X
X
X
2A0000h to 2A7FFFh
Bank C
SA92
1010101X
X
X
2A8000h to 2AFFFFh
Bank C
SA93
1010110X
X
X
2B0000h to 2B7FFFh
Bank C
SA94
1010111X
X
X
2B8000h to 2BFFFFh
Bank C
SA95
1011000X
X
X
2C0000h to 2C7FFFh
Bank C
SA96
1011001X
X
X
2C8000h to 2CFFFFh
Bank C
SA97
1011010X
X
X
2D0000h to 2D7FFFh
Bank C
SA98
1011011X
X
X
2D8000h to 2DFFFFh
Bank C
SA99
1011100X
X
X
2E0000h to 2E7FFFh


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn