전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 17 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 13Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 14Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 15Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 16Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 17Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 18Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 19Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 20Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 21Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
17
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
FLASH MEMORY COMMAND DEFINITIONS (Continued)
PD = Data to be programmed at location PA. Data is
latched on the rising edge of write pulse.
SPA = Sector group address to be protected.
Set sector group address and (A6, A3, A2, A1, A0) =
(0, 0, 0, 1, 0).
SD = Sector group protection verify data. Output 01h at
protected sector group addresses and output 00h at
unprotected sector group addresses.
HRA = Address of the Hi-ROM area : 000000h to
00007Fh
HRBA = Bank Address of the Hi-ROM area (A21 = A20
= A19 = VIL)
The system should generate the following address
patterns : 555h or 2AAh to addresses A10 to A0
Both Read/Reset commands are functionally
equivalent, resetting the device to the read mode.
Command combinations not described in “Flash
Memory Command Definitions” are illegal.
Notes:
Address bits A21 to A11 = X = “H” or “L” for all
address commands except or Program Address (PA),
Sector Address (SA) , and Bank Address (BA) , and
Sector Group Address (SPA) .
Bus operations are defined in "DEVICE BUS
OPERATIONS”.
RA = Address of the memory location to be read
PA = Address of the memory location to be
programmed
Addresses are latched on the falling edge of the write
pulse.
SA = Address of the sector to be erased. The
combination of A21, A20, A19, A18, A17, A16, A15,
A14, A13, and A12 will uniquely select any sector.
BA = Bank Address (A21, A20, A19)
RD = Data read from location RA during read
operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn