전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 18 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 18 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 14Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 15Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 16Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 17Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 18Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 19Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 20Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 21Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 22Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
18
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Parameter
Min.
Max.
Unit
Tstg
Storage Temperature
–55
+125
°C
TA
Ambient Temperature with Power Applied
–30
+85
°C
VIN
Voltage with Respect to Ground All Pins
(1,2)
–0.3
VCCf + 0.3
V
VOUT
Voltage with Respect to Ground All Pins(1,2)
–0.3
VCCr + 0.3
V
VCCfVCCf Supply(1)
–0.2
+3.6
V
VCCrVCCr Supply
(1,3)
-0.2
+3.6
V
VIN
RESET(1,3)
-0.5
+13.0
V
VACC
WP/ACC(1,4)
–0.5
+10.5
V
Notes:
1. Voltage is defined on the basis of GND = GND = 0 V.
2. Minimum DC voltage on input or I/O pins is -0.3 V. During voltage transitions, input or I/O pins may undershoot
GND to -1.0 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCCf + 0.3 V or VCCr + 0.3 V.
During voltage transitions, input or I/O pins may overshoot to VCCf + 1.0 V or VCCr + 1.0 V for periods of up to 5 ns.
3. Minimum DC input voltage on RESET pin is -0.5 V. During voltage transitions, RESET pin may undershoot GND
to -2.0 V for periods of up to 20 ns.
Voltage difference between input and supply voltage (VIN-VCCf or VCCr) does not exceed 9.0 V.
Maximum DC input voltage on RESET pin is +13.0 V that may overshoot to +14.0 V for periods of up to 20 ns.
4. Minimum DC input voltage on WP/ACC pin is -0.5 V. During voltage transitions, WP/ACC pin may undershoot
GND to -2.0 V for periods of up to 20 ns. Maximum DC input voltage on WP/ACC pin is +10.5 V which may
overshoot to +10.5 V for periods of up to 20 ns, when VCCf is applied.
5. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient Temperature
–30
+85
°C
VCCfVCCf Supply Voltages
–2.7
+3.1
V
VCCrVCCr Supply Voltages
–2.7
+3.1
V
Note:
Voltage is defined on the basis of GND = GND = 0 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn