전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 19 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 19 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 15Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 16Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 17Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 18Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 19Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 20Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 21Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 22Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 23Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
19
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
DC CHARACTERISTICS
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ILI
Input Leakage
VIN=GND to VCCf, VCCr
-1.0
+1.0
µA
ILO
Output Leakage
VOUT=GND to VCCf, VCCr
-1.0
+1.0
µA
ILIT
RESET Inputs
VCCf=VCCf max.,
35
µA
Leakage Current
RESET = 12.5V
ICC1f
FLASH Vcc (1)
CEf=VIL, OE=VIH
tCycle = 5Mhz
18
mA
Active Current (Read)
tCycle = 1Mhz
4
mA
ICC2f
FLASH Vcc Active(2)
CEf=VIL,—
35
mA
Current(Program/Erase)
OE=VIH
ICC3f
FLASH Vcc Active(5)
CEf=VIL,—
53
mA
Current
OE=VIH
(Read-While-Program)
ICC4f
FLASH Vcc Active(5)
CEf=VIL,—
53
mA
Current
OE=VIH
(Read-While-Erase)
ICC5f
FLASH Vcc Active
CEf=VIL,—
40
mA
Current
OE=VIH
(Erase-Suspend-Program)
IACC
WP/ACC Acceleration
VCCf = Vcc max,
20
mA
Program Current
WP/ACC = VACC max
ICC1r
PSRAM Vcc Active
VCCr = Vccr max,
trc / twc = min
15
20
mA
Current
CE1r=VIL, CE2r=VIH,
VIN=VIH or VIL,
trc / twc = 1 µs
2.5
3.0
mA
IOUT=0 mA
ISB1f
FLASH Vcc
VCCf = Vccf max,
CEf= VCCf + 0.3V,
1
5
µA
Standby Current
RESET = VCCf + 0.3V,
WP/ACC = VCCf + 0.3V
ISB2f
FLASH Vcc
VCCf = Vccf max,
RESET= GND + 0.3V,
1
5
µA
Standby Current
WP/ACC = VCCf + 0.3V
(
RESET)
ISB3f
FLASH Vcc(3)
VCCf = Vcc max.,
CEf, = GND + 0.3V,
1
5
µA
Current
RESET = VCCf + 0.3V,
(Automatic Sleep Mode)
WP/ACC = VCCf + 0.3V,
VIN
= VCCf + 0.3V OR GND + 0.3V
ISBr
PSRAM Vcc Standby
VCCr = Vccr max,
CE1r = CE2R = VIN,
0.5
1
mA
Current
VIN=VIH or VIL,
IOUT=0 mA
ISB1r
PSRAM Vcc Standby
VCCr = Vccr max,
CE1r
≥ VCCr -0.2V,
70
µA
Current
CE2r
≥ VCCr -0.2V,
VIN
≤ 0.2 V or VIN ≥ VCCr -0.2V
IOUT=0 mA
ISB2r
PSRAM Vcc Standby
VCCr = Vccr max,
CE1r
≥ VCCr -0.2V,
5
mA
Current(6)
CE2r
≥ VCCr -0.2V,
VIN Cycle time = tRC min, IOUT = 0 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn