전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 22 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 22 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 18Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 19Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 20Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 21Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 22Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 23Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 24Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 25Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 26Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
JEDEC
Standard
Parameter
Symbol
Symbol
Condition
Min Max
Unit
Read Cycle Time
tAVAV
tRC
70
ns
Address to Output Delay
tAVQV
tACC
CEf = VIL, OE = VIL
—70
ns
Chip Enable to Output Delay
tELQV
tCE
OE = VIL
—70
ns
Output Enable to Output Delay
tGLQV
tOE
—30
ns
Chip Enable to Output High-Z
tEHQZ
tDF
—25
ns
Output Enable to Output High-Z
tGHQZ
tDF
—25
ns
Output Hold Time From Addresses,
tAXQX
tOH
0—
ns
CEf or OE, Whichever Occures First
RESET Pin Low to Read Mode
tREADY
—20
µs
FLASH READ ONLY OPERATIONS CHARACTERISTICS
Test Conditions
:
Output Load : 1 TTL gate and 30 pF
Input rise and fall times : 5 ns
Input pulse levels : 0.0 V or VCCf
Timing measurement reference level
Input : VCCf/2
Output : VCCf/2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn