전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

75V16F64GS16 데이터시트(HTML) 26 Page - Integrated Silicon Solution, Inc

부품명 75V16F64GS16
상세내용  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 데이터시트(HTML) 26 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 데이터시트 HTML 22Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 23Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 24Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 25Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 26Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 27Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 28Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 29Page - Integrated Silicon Solution, Inc 75V16F64GS16 데이터시트 HTML 30Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
26
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
WRITE/ERASE/PROGRAM OPERATIONS (Continued)
JEDEC
Standard
Parameter
Symbol
Symbol
Min
Typ
Max
Unit
OE Setup Time to WE Active (2)
tOESP
4
——
µs
CE Setup Time to WE Active (2)
tCSP
4
——
µs
Recover Time from RY/
BY
tRB
0
——
ns
RESET Pulse Width
tRP
500
——
ns
RESET High Level Period Before Read
tRH
200
——
ns
Program/Erase Valid to RY/
BY Delay
tBUSY
——
90
ns
Delay Time from Embedded Output Enable
tEOE
——
70
ns
Erase Time-Out Time
tTOW
50
——
µs
Erase Suspend Transition Time
tSPD
——
20
µs
Notes:
1. Does not include preprogramming time.
2. For Sector Group Protection operation.
3. For Accelerated Program operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn